Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1527 Datasheet(PDF) 14 Page - ams AG

Part # AS1527
Description  10-Bit, Single Supply, Low-Power, 73ksps A/D Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1527 Datasheet(HTML) 14 Page - ams AG

Back Button AS1527 Datasheet HTML 10Page - ams AG AS1527 Datasheet HTML 11Page - ams AG AS1527 Datasheet HTML 12Page - ams AG AS1527 Datasheet HTML 13Page - ams AG AS1527 Datasheet HTML 14Page - ams AG AS1527 Datasheet HTML 15Page - ams AG AS1527 Datasheet HTML 16Page - ams AG AS1527 Datasheet HTML 17Page - ams AG AS1527 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
www.austriamicrosystems.com
Revision 1.03
14 - 21
AS1526/AS1527
Data Sheet - Deta iled Description
Transfer Function
The data output from the AS1526/AS1527 is binary (unipolar), and Figure 28 depicts the nominal transfer function.
Code transitions occur midway between successive integer LSB values.
Note:
If VREF = +2.50V, then 1 LSB = 2.44mV (2.50V/1024).
Figure 28. Unipolar Transfer Function
Reducing Supply Current
Power consumption can be reduced significantly by powering down the devices between conversions. Figure 30
shows a plot of an average supply current versus sampling rate.
Wake-up time (tWAKE) can also factor into reduced power consumption. tWAKE is defined as the time from when pin
SHDNN is deasserted to the time when a conversion may be initiated (see Figure 29).
Figure 29. Shutdown Sequence Timing Diagram
For the AS1526 using the internal reference, tWAKE depends on the time in shutdown mode (see Figure 31) since the
external 4.7µF reference bypass capacitor slowly loses charge during shutdown. The wakeup time for AS1526 and
AS1527 using an internal reference are largely dependent on the external reference’s power-up time. The wakeup time
for the ADC itself from shutdown mode is approximately 4µs.
11...111
11...1110
11....101
00...011
00...010
00...001
00...000
01
23
Input Voltage AIN
FS - 3/2LSB
Full Scale (FS)
Transition
Full Scale = VREF
Zero Scale = 0
1LSB = VREF/1024
Complete Conversion Sequence
Conversion 0
Conversion 1
Power-Up
Shutdown
tWAKE
Power-Up
CSN
SHDNN
DOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com