Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1527 Datasheet(PDF) 11 Page - ams AG

Part # AS1527
Description  10-Bit, Single Supply, Low-Power, 73ksps A/D Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1527 Datasheet(HTML) 11 Page - ams AG

Back Button AS1527 Datasheet HTML 7Page - ams AG AS1527 Datasheet HTML 8Page - ams AG AS1527 Datasheet HTML 9Page - ams AG AS1527 Datasheet HTML 10Page - ams AG AS1527 Datasheet HTML 11Page - ams AG AS1527 Datasheet HTML 12Page - ams AG AS1527 Datasheet HTML 13Page - ams AG AS1527 Datasheet HTML 14Page - ams AG AS1527 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
www.austriamicrosystems.com
Revision 1.03
11 - 21
AS1526/AS1527
Data Sheet - Deta iled Description
8 Detailed Description
The AS1526/AS1527 analog-to-digital converters have two modes of operation:
!
Normal A/D Conversion Mode – Pulling pin SHDNN high or leaving it open puts the device into normal A/D conver-
sion mode.
!
Shutdown Mode – Pulling pin SHDNN low shuts the device down and reduces supply current below 2µA (VDD
3.6V).
Note:
Pulling pin CSN low starts a conversion. The conversion result is available at pin DOUT in unipolar serial for-
mat (see Timing and Control on page 12).
Figure 23 shows a basic configuration for the AS1526/AS1527. The integrated input track/hold circuitry and a succes-
sive-approximation register (SAR) circuitry convert analog input signals to a digital 10-bit output. No external-hold
capacitor is needed for the track/hold circuit.
The devices convert analog input signals in the 0V to VREF range in 13µs (includes track/hold acquisition time).
The AS1526 internal reference is trimmed to 2.5V; the AS1527 requires an external reference. Both devices can
accept external reference voltages from 1.0V to VDD. The serial interface requires only three digital lines (at pins
SCLK, CSN, and DOUT) and provides a simple microprocessor interface.
Figure 23. Operational Diagram
Analog Input
Figure 24 illustrates the integrated comparator sampling architecture. The full scale input voltage is set by the voltage
at pin REF.
Figure 24. Equivalent Input Circuit
AS1526/
AS1527
+2.7 to +3.6V
AS1526 – 4.7µF
AS1527 – 0.1µF
Reference Input
Required for AS1527,
Optional for AS1526
0.1µF
4.7µF
+
6
DOUT
5
GND
1
VDD
7
CSN
8
SCLK
3
SHDNN
2
AIN
4
REF
+
+
Comparator
RIN
CSWITCH
14pF
CHOLD
13pF
REF
AIN
+
CHOLD
13pF
Sample
Switch
CSWITCH includes all parasitics
GND
S&H and DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com