Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8202NF Datasheet(PDF) 7 Page - ams AG

Part # AS8202NF
Description  TTP-C2NF Communication Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202NF Datasheet(HTML) 7 Page - ams AG

Back Button AS8202NF Datasheet HTML 3Page - ams AG AS8202NF Datasheet HTML 4Page - ams AG AS8202NF Datasheet HTML 5Page - ams AG AS8202NF Datasheet HTML 6Page - ams AG AS8202NF Datasheet HTML 7Page - ams AG AS8202NF Datasheet HTML 8Page - ams AG AS8202NF Datasheet HTML 9Page - ams AG AS8202NF Datasheet HTML 10Page - ams AG AS8202NF Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
www.austriamicrosystems.com and
TTTech Computertechnik AG
Revision 2.1
7 - 20
AS8202NF TTP-C2NF
Data Sheet - El ectrical Characte ristics
6 Electrical Characteristics
TAMB = -40 to +125 ºC, VDD = 3V to +3.6V, VSS = 0V unless otherwise specified.
Table 4. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Operating Conditions
IDDs
Static Supply Current
all inputs tied to VDD/VSS,
clocks stopped, exclusive of
I/O drive requirements,
VDD=3.6V
5900
µA
IDD
Operating Supply Current
1
VDD=3.3V, PLL active,
exclusive of I/O drive
requirements
100
mA
CLK0_EXT_PLL
Clock Period of Main Clock
(external)
1
PLL active
2
100
ns
CLK0_EXT
PLL inactive
25
ns
CLK1
Clock Period of Bus
Guardian Clock
1
62.5
ns
TTL Input Pins and TTL Bidirectional Pins in Input/Tristate Model
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.0
V
IINleak
Input Leakage Current
Pins without pad resistors,
VDD=3.6V
-1
1
µA
IIL
Input Low Current
Pins with pull-
down resistors
VDD=3.0V
VIN=0.4V
4.9
3
µA
VIN=0.8V
8.8
3
Pins with pull-up
resistors
VDD=3.6V
VIN=0V
-15
-75
IIH
Input High Current
Pins with pull-
down resistors
VDD=3.6V
VIN=3.6V
15
75
µA
Pins with pull-up
resistors
VDD=3.0V
VIN=2.0V
-10.7
3
VIN=2.5V
-6
3
CIN
Input Capacitance
4.5
4
pF
RxD Pin
tASYM_Rx
t(VIN=0.5*VDD)
Asymmetric Receiver
Delay RxD
T = 125 ºC,
VDD=3.0V,
CLOAD=35pF
RxD[1,0]
-2
4
2
4
ns
CMOS Inputs (XIN), drive from external clock generator
Drive at XIN (XOUT = open)
CXIN
Input Capacitance
1.9
2.5
pF
IXIN
Input Current
±1
4
µA
VIL_XIN
Input Low Voltage
0
0.3*
VDD
V
VIH_XIN
Input High Voltage
0.7*
VDD
VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com