Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8202NF Datasheet(PDF) 11 Page - ams AG

Part # AS8202NF
Description  TTP-C2NF Communication Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202NF Datasheet(HTML) 11 Page - ams AG

Back Button AS8202NF Datasheet HTML 7Page - ams AG AS8202NF Datasheet HTML 8Page - ams AG AS8202NF Datasheet HTML 9Page - ams AG AS8202NF Datasheet HTML 10Page - ams AG AS8202NF Datasheet HTML 11Page - ams AG AS8202NF Datasheet HTML 12Page - ams AG AS8202NF Datasheet HTML 13Page - ams AG AS8202NF Datasheet HTML 14Page - ams AG AS8202NF Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.austriamicrosystems.com and
TTTech Computertechnik AG
Revision 2.1
11 - 20
AS8202NF TTP-C2NF
Data Sheet - Deta iled Description
Note: All values not tested during production, guaranteed by design.
Figure 3. Read/Write Access Inactivity Time
14
RAM_CLK_TESTSE
Rising to READYB Rising
USE_RAM_CLK=1
3
9.7
ns
15
RAM_CLK_TESTSE
Rising to READYB
Deactivated 1->Z
USE_RAM_CLK
=1
Ready
delay='00'
3.6
12.9
ns
Ready
delay=01
4.5
15.4
Ready
delay=10
5.4
18.8
Ready
delay=11
6.4
22.2
16
Read to Read Access
Inactivity Time (CEB, OEB
low to CEB, OEB low)
min = 1.5 Tc
37.5
1
ns
17
Read to Write Access
Inactivity Time (CEB, OEB
low to CEB, WEB low)
5
1
ns
18
Write to Write Access
Inactivity Time (CEB, WEB
low to CEB, WEB low)
5
1,2
ns
19
Write to Read Access
Inactivity Time (CEB, WEB
low to CEB, OEB low)
5
1,2
ns
1. Prior to starting a read or write access, CEB, WEB and OEB have to be stable for at least 5 ns (see symbol 3, 4,
8, 9). In addition the designer has to consider the minimum inactivity time according to symbols 16, 17, 18, 19.
For more information on the inactivity times (see Figure 3).
2. To allow proper internal initialization, after finishing any write access (CEB or WEB is high) to the internal
CONTROLLER_ON register, CEB OEB and WEB have to be stable high within 200 ns (min = 8 Tc).
Table 6. Asynchronous DPRAM interface
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CEB
WEB
OEB
16
Read
Read
18
Write
17
Write
19
Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com