Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8202NF Datasheet(PDF) 8 Page - ams AG

Part # AS8202NF
Description  TTP-C2NF Communication Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202NF Datasheet(HTML) 8 Page - ams AG

Back Button AS8202NF Datasheet HTML 4Page - ams AG AS8202NF Datasheet HTML 5Page - ams AG AS8202NF Datasheet HTML 6Page - ams AG AS8202NF Datasheet HTML 7Page - ams AG AS8202NF Datasheet HTML 8Page - ams AG AS8202NF Datasheet HTML 9Page - ams AG AS8202NF Datasheet HTML 10Page - ams AG AS8202NF Datasheet HTML 11Page - ams AG AS8202NF Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
www.austriamicrosystems.com and
TTTech Computertechnik AG
Revision 2.1
8 - 20
AS8202NF TTP-C2NF
Data Sheet - El ectrical Characte ristics
Note: If Min/Max values are both negative, they are ordered according to their absolute value.
Outputs and TTL Bidirectional Pins in Output Mode
IOL
Output Low Current
VDD=3.0V, Vo = 0.4V
-4
mA
IOH
Output High Current
VDD=3.0V, Vo = 2.5V
4
mA
IOZ
Output Tristate Current
VDD=3.6V
±10
4
µA
tRISE
t(VOUT=0.1*VDD) to
t(VOUT=0.9*VDD)
Transition Time – Rise
T = 125 ºC,
VDD=3.0V,
CLOAD=35pF
CTS[1,0],
LED[2:0],
INTB
8.1
3
ns
D[15:0],
READYB
8.9
3
tFALL
t(VOUT=0.9*VDD) to
t(VOUT=0.1*VDD)
Transition Time – Fall
T = 125 ºC,
VDD=3.0V,
CLOAD=35pF
CTS[1,0],
LED[2:0],
INTB
6
3
ns
D[15:0],
READYB
7
3
TxD Pins
tRISE
t(VOUT=0.3*VDD) to
t(VOUT=0.7*VDD)
Transition Time – Rise TxD
T = 125 ºC,
VDD=3.0V,
CLOAD=35pF
TxD[1,0]
4.5
4
ns
tFALL
t(VOUT=0.7*VDD) to
t(VOUT=0.3*VDD)
Transition Time – Fall TxD
T = 125 ºC,
VDD=3.0V,
CLOAD=35pF
TxD[1,0]
3
4
ns
tASYM_Rx
t(VOUT=0.5*VDD)
Asymmetric Driver Delay
TxD
T = 125 ºC,
VDD=3.0V,
CLOAD=35pF
TxD[1,0]
-3
4
3
4
ns
1. Typical values: CLK0=40 MHz, CLK1=16 MHz
2. Using the internal PLL multiplies the main clock frequency by 4
3. Implicitly tested.
4. Guaranteed by design; not tested during production
Table 4. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com