Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8202NF Datasheet(PDF) 18 Page - ams AG

Part # AS8202NF
Description  TTP-C2NF Communication Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202NF Datasheet(HTML) 18 Page - ams AG

Back Button AS8202NF Datasheet HTML 12Page - ams AG AS8202NF Datasheet HTML 13Page - ams AG AS8202NF Datasheet HTML 14Page - ams AG AS8202NF Datasheet HTML 15Page - ams AG AS8202NF Datasheet HTML 16Page - ams AG AS8202NF Datasheet HTML 17Page - ams AG AS8202NF Datasheet HTML 18Page - ams AG AS8202NF Datasheet HTML 19Page - ams AG AS8202NF Datasheet HTML 20Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
www.austriamicrosystems.com and
TTTech Computertechnik AG
Revision 2.1
18 - 20
AS8202NF TTP-C2NF
Data Sheet - Pa ckag e Drawings and Mark in gs
8 Package Drawings and Markings
The product is available in LQFP80 package.
Figure 11. package Diagram
Note:
1. All dimensions are in millimeters, angle is in degrees.
2. Dimensions D1 and E1 do not include mold protrusion. Allowable protrusion is 0.25mm per side. D1 and E1
are maximum plastic body size dimensions including mold mismatch.
3. Dimensioning and tolerancing conform to JEDEC MS-026 Rev A.
4. The top package body size may be smaller than the bottom body size by as much as 0.15 mm.
Table 15. package Dimensions
Symbol
Min
Typ
Max
Symbol
Min
Typ
Max
D
15.8
16
16.2
c1
0.09
0.16
D1
13.9
14
14.1
e
0.65
E
15.8
16
16.2
ccc
0.10
E1
13.9
14
14.1
ddd
0.13
b
0.22
0.32
0.38
N
80
b1
0.22
0.3
0.33
N/2
40
c
0.09
0.2
N/4
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com