Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8202NF Datasheet(PDF) 13 Page - ams AG

Part # AS8202NF
Description  TTP-C2NF Communication Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202NF Datasheet(HTML) 13 Page - ams AG

Back Button AS8202NF Datasheet HTML 9Page - ams AG AS8202NF Datasheet HTML 10Page - ams AG AS8202NF Datasheet HTML 11Page - ams AG AS8202NF Datasheet HTML 12Page - ams AG AS8202NF Datasheet HTML 13Page - ams AG AS8202NF Datasheet HTML 14Page - ams AG AS8202NF Datasheet HTML 15Page - ams AG AS8202NF Datasheet HTML 16Page - ams AG AS8202NF Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
www.austriamicrosystems.com and
TTTech Computertechnik AG
Revision 2.1
13 - 20
AS8202NF TTP-C2NF
Data Sheet - Deta iled Description
Reset and Oscillator
External Reset Signal
To issue a reset of the chip the RESETB port has to be driven low for at least 1 us. Pulses under 50 ns duration are
discarded. At power-up the reset must overlap the build-up time of the power supply.
Integrated Power-On Reset
The Device has an internal Power-On Reset generator. When supply voltage ramps up, the internal reset signal is kept
active (low) for 33 µs typical.
Note: In case of non-compliance keep the external reset (RESETB) active for min. 5 ms after supply voltage is valid
and oscillator inputs active.
Oscillator Circuitry
The internal oscillators for main and bus guardian clock require external quartzes or external oscillators. The main
clock features a PLL multiplying a 10 MHz XIN0/XOUT0 oscillation to an internal frequency of 40 MHz when enabled.
Figure 9. Main clock setup
Rf will normally not be soldered, it is only provided to get maximum flexibility.
Cext, typ = 15/18 pF. Rd has to be calculated, if the measured drive level will be too high; if drive level is ok, Rd = 0.
Table 7. Pin mode
Pin Name
Mode
Comment
XIN0
analog
main oscillator input (external clock input)
XOUT0
analog
main oscillator output
XIN1
analog
bus guardian oscillator input (external clock input)
XOUT1
analog
bus guardian oscillator output
PLLOFF
in
PLL disable
RESETB
in
external reset
Table 8. Parameters
Symbol
Parameter
Min
Typ
Max
Unit
dV/dt
supply voltage slope
551
-
-
V/ms
tpores
power on reset active time after VDD > 1,0V
25
33
49
µs
VS S
10 M Hz
Rd
Rf
Cext
Cext
VSS
10 MHz
square
wave
VDD
40 MHz
square
wave
Enabled PLL, external quartz
Enabled PLL, external oscillator
Disabled PLL, external oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com