Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8202NF Datasheet(PDF) 14 Page - ams AG

Part # AS8202NF
Description  TTP-C2NF Communication Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202NF Datasheet(HTML) 14 Page - ams AG

Back Button AS8202NF Datasheet HTML 10Page - ams AG AS8202NF Datasheet HTML 11Page - ams AG AS8202NF Datasheet HTML 12Page - ams AG AS8202NF Datasheet HTML 13Page - ams AG AS8202NF Datasheet HTML 14Page - ams AG AS8202NF Datasheet HTML 15Page - ams AG AS8202NF Datasheet HTML 16Page - ams AG AS8202NF Datasheet HTML 17Page - ams AG AS8202NF Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
www.austriamicrosystems.com and
TTTech Computertechnik AG
Revision 2.1
14 - 20
AS8202NF TTP-C2NF
Data Sheet - Deta iled Description
If using an external oscillator at 10 MHz with enabled internal PLL, the oscillator must have a period of 100 ns with low
jitter. Note that a crystal-based clock is recommended over a derived clock (i.e., PLL-based) to allow best internal PLL
performance.
Note: CLOAD is the value of the external load capacitors towards ground. The total load capacitance seen by the
quartz will be CLOAD_tot = (CLOAD + Cpar)/2. Cpar is the equivalent parasitic capacitance of the oscillator cell
inputs and the PCB and is derived from measurements to be about 3.5 … 4.0 pF.
Figure 10. Bus Guardian clock setup
Both the XIN0/XOUT0 (main clock) and the XIN1/XOUT1 (bus guardian clock) cells support driving a quartz crystal
oscillation as well as clock input by an external oscillator.
Build-up Characteristics
Table 9. Parameters
Parameter
Condition
Min
Typ
Max
Unit
R_osc10
Oscillation margin @ 10 MHz, CLOAD = 18 pF
0.95
1
1. Not tested during production.
1.62
1
k
Ω
R_osc16
Oscillation margin @ 16 MHz, CLOAD = 18 pF
0.37
1
0.64
1
k
Ω
R_osc20
Oscillation margin @ 20 MHz, CLOAD = 18 pF
0.24
1
0.41
1
k
Ω
Table 10. Characteristics
Symbol
Pin
Parameter
Min
Typ
Max
Unit
Note
Tosc_startup0
XIN0/
XOUT0
Oscillator startup time
(Main clock)
20
ms
Quartz frequency:
10 MHz
Tosc_startup1
XIN1/
XOUT1
Oscillator startup time
(Bus Guardian clock)
20 ms
ms
Quartz frequency:
16 MHz
Tpll_startup0
XIN0/
XOUT0
PLL startup time
(Main clock)
20 ms
ms
Quartz frequency:
10 MHz
16 M H z
Rd
Rf
Ce x t
Ce x t
16 M H z
sq u a r e
wa v e
External quartz
External oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com