Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8202NF Datasheet(PDF) 1 Page - ams AG

Part # AS8202NF
Description  TTP-C2NF Communication Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202NF Datasheet(HTML) 1 Page - ams AG

  AS8202NF Datasheet HTML 1Page - ams AG AS8202NF Datasheet HTML 2Page - ams AG AS8202NF Datasheet HTML 3Page - ams AG AS8202NF Datasheet HTML 4Page - ams AG AS8202NF Datasheet HTML 5Page - ams AG AS8202NF Datasheet HTML 6Page - ams AG AS8202NF Datasheet HTML 7Page - ams AG AS8202NF Datasheet HTML 8Page - ams AG AS8202NF Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
AS8202NF
TTP-C2NF Communication Controller
Dat a Sh eet
www.austriamicrosystems.com and
TTTech Computertechnik AG
Revision 2.1
1 - 20
1 General Description
The AS8202NF communication controller is an
integrated device supporting serial communication
according to the TTP specification version 1.1. It
performs all communication tasks such as reception and
transmission of messages in a TTP cluster without
interaction of the host CPU. TTP provides mechanisms
that allow the deployment in high-dependability
distributed real-time systems. It provides the following
services:
Predictable transmission of messages with minimal
jitter
Fault-tolerant distributed clock synchronization
Consistent membership service with small delay
Masking of single faults
2 Key Features
Dual-channel controller for redundant data transfers
Dedicated controller supporting TTP (time-triggered
protocol class C)
Suited for dependable distributed real-time systems
with guaranteed response time
Asynchronous data rate up to 5 Mbit/s (MFM/
Manchester)
Synchronous data rate 5 to 25 Mbit/s
Bus interface (speed, encoding) for each channel
selectable independently
40 MHz main clock with support for 10 MHz crystal,
10 MHz oscillator or 40 MHz oscillator
16 MHz bus guardian clock with support for 16 MHz
crystal or 16 MHz oscillator
Single power supply 3.3V, 0.35µm CMOS process
Full automotive temperature range (-40ºC to 125ºC)
16k x 16 SRAM for message, status, control area
(communication network interface) and for
scheduling information (MEDL)
4k x 16 (plus parity) instruction code RAM for
protocol execution code
Data sheet conforms to protocol revision 2.04
16k x 16 instruction code ROM containing startup
execution code and deprecated protocol code
revision 1.00
16 Bit non-multiplexed asynchronous host CPU
interface
16 Bit RISC architecture
Software tools, design support, development boards
available (www.tttech.com)
Certification support package according to RTCA/
DO-254 DAL A available (www.tttech.com)
80 pin LQFP80 Package
3 Applications
Application fields: automotive (by-wire braking, steering,
vehicle dynamics control, drive train control), aerospace
(aircraft electronic systems), industrial systems, railway
systems.
Figure 1. Block Diagram
D[15:0]
A[11:0]
CEB
OEB
WEB
READYB
INTB
LED[2:0]
RAM_CLK_TESTSE
USE_RAM_CLK
XIN0
XOUT0
PLLOFF
RESETB
Quartz or
Oscillator
Host
Processor
Interface
RxD[1:0]
RXCLK[1:0]
RxDV[1:0]
RXER[1:0]
XIN1
XOUT1
TxD[1:0]
CTS[1:0]
TxCLK[1:0]
RAM_CLK_TESTSE
FTEST
STEST
FIDIS
TTEST
Test
Interface
TTP Bus
Media
Drivers
Communication
network
interface
(CNI)
TTP
Protocol
processor core
Instruction
memory
RAM & ROM
Test
Interface
Transmitter
Bus guardian
Receiver
AS8202NF


Similar Part No. - AS8202NF

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8202NF AMSCO-AS8202NF Datasheet
2Mb / 25P
TTP-C2NF Communication Controller
AS8202NF AMSCO-AS8202NF_14 Datasheet
2Mb / 25P
TTP-C2NF Communication Controller
More results

Similar Description - AS8202NF

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9405 OKI-MSM9405 Datasheet
147Kb / 30P
IrDA Communication Controller
logo
ams AG
AS8201 AMSCO-AS8201 Datasheet
247Kb / 13P
TTP/C-C1 Communications Controller
AS8202 AMSCO-AS8202 Datasheet
101Kb / 10P
TTP/C-C2 Communication Controller
logo
Zilog, Inc.
Z80230 ZILOG-Z80230 Datasheet
103Kb / 12P
ESCC??ENHANCED SERIAL COMMUNICATION CONTROLLER
logo
Motorola, Inc
MPC860SAR MOTOROLA-MPC860SAR Datasheet
45Kb / 16P
ATM communication controller
logo
List of Unclassifed Man...
YM3802 ETC1-YM3802 Datasheet
242Kb / 8P
MIDI Communication Sevice Controller
logo
Advantech Co., Ltd.
ADAM-4501 ADVANTECH-ADAM-4501 Datasheet
554Kb / 1P
Ethernet-enabled Communication Controller
logo
ams AG
AS8202NF AMSCO-AS8202NF_14 Datasheet
2Mb / 25P
TTP-C2NF Communication Controller
AS8202B AMSCO-AS8202B Datasheet
587Kb / 20P
TTP-C2NF Communication Controller
logo
FOTEK CONTROLS CO., LTD...
NT-22 FOTEK-NT-22 Datasheet
1Mb / 7P
Temperature Controller&Communication Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com