Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8202NF Datasheet(PDF) 3 Page - ams AG

Part # AS8202NF
Description  TTP-C2NF Communication Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202NF Datasheet(HTML) 3 Page - ams AG

  AS8202NF Datasheet HTML 1Page - ams AG AS8202NF Datasheet HTML 2Page - ams AG AS8202NF Datasheet HTML 3Page - ams AG AS8202NF Datasheet HTML 4Page - ams AG AS8202NF Datasheet HTML 5Page - ams AG AS8202NF Datasheet HTML 6Page - ams AG AS8202NF Datasheet HTML 7Page - ams AG AS8202NF Datasheet HTML 8Page - ams AG AS8202NF Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
www.austriamicrosystems.com and
TTTech Computertechnik AG
Revision 2.1
3 - 20
AS8202NF TTP-C2NF
Data Sheet - Pi n Assignments
4 Pin Assignments
Figure 2. Pin Assignments LQFP80 Package
Pin Descriptions
Table 1. Pin Descriptions
Pin Name
Pin Number
Dir
Description
VDD
12,29,49,59,
74
P
Positive Power Supply
VSS
13,30,41,50,
60,75
P
Negative Power Supply
VDDBG
70
P
Positive Power Supply for Bus Guardian (connect to VDD)
VSSBG
73
P
Negative Power Supply for Bus Guardian (connect to VSS)
VDDPLL
4
P
Positive Power Supply for Main Clock PLL (connect to VDD)
VSSPLL
80
P
Negative Power Supply for Main Clock PLL (connect to VSS)
RAM_CLK_T
ESTSE
21
IPD
RAM_CLK when STEST=0 and USE_RAM_CLK=1, else Test Input,
connect to VSS if not used
STEST
22
IPD
Test Input, connect to VSS
FTEST
24
IPD
Test Input, connect to VSS
FIDIS
25
IPD
Test Input, connect to VSS
TTEST
61
IPU
Test Input, connect to VDD
USE_RAM_C
LK
34
IPD
RAM_CLK Pin Enable, connect to VSS if not used
VSS
VDD
VSS
XIN0
nc
XOUT0
TXD0
VDDPLL
CTS0
RXER0
TXCLK0
RXCLK0
RXD0
RXDV0
VDD
TXD1
VSS
CTS1
RXER1
TXCLK1
RXCLK1
RXD1
RXDV1
D7
D5
D6
D4
D2
D3
D1
D0
VDD
A10
A11
A9
A7
A8
A6
VSS
A5
1
20
21
40
41
60
61
80
AS8202NF
TTP
Communications
Controller
(TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com