Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8202NF Datasheet(PDF) 6 Page - ams AG

Part # AS8202NF
Description  TTP-C2NF Communication Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202NF Datasheet(HTML) 6 Page - ams AG

Back Button AS8202NF Datasheet HTML 2Page - ams AG AS8202NF Datasheet HTML 3Page - ams AG AS8202NF Datasheet HTML 4Page - ams AG AS8202NF Datasheet HTML 5Page - ams AG AS8202NF Datasheet HTML 6Page - ams AG AS8202NF Datasheet HTML 7Page - ams AG AS8202NF Datasheet HTML 8Page - ams AG AS8202NF Datasheet HTML 9Page - ams AG AS8202NF Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
www.austriamicrosystems.com and
TTTech Computertechnik AG
Revision 2.1
6 - 20
AS8202NF TTP-C2NF
Data Sheet - Ab solute Maximum Ratings
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 3 may cause permanent damage to the device. These are stress ratings only.
Functional operation of the device at these or any other conditions beyond those indicated in Section 6 Electrical
Characteristics on page 7 is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
Table 3. Absolute Maximum Ratings
Parameter
Min
Max
Units
Notes
DC Supply Voltage (VDD)-0.3
5.0
V
Input Voltage (VIN)-0.3
VDD+0.3
V
any pin
Input Current (lIN)
-100
100
mA
any pin, TAMB=25ºC
Storage Temperature (TSTRG)
-55
150
ºC
Soldering Temperature (TSOLD)
235
ºC
t=10 sec, Reflow and Wave
Package body temperature (Tbody)
240
ºC
1
1. The reflow peak soldering temperature (body temperature) specified is in accordance with IPC/JEDEC J-STD-
020C “Moisture/Reflow Sensitivity Classification for Non-Hermetic Solid State Surface Mount Devices”. The lead
finish for packages is (85%/15% Sn/Pb).
Humidity (H)
5
85
%
Electrostatic Discharge (ESD)
1000
V
HBM: 1KV Mil.std.883, Method 3015.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com