Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCE4 Datasheet(PDF) 246 Page - Texas Instruments

Part # AM1808AZCE4
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCE4 Datasheet(HTML) 246 Page - Texas Instruments

Back Button AM1808AZCE4 Datasheet HTML 242Page - Texas Instruments AM1808AZCE4 Datasheet HTML 243Page - Texas Instruments AM1808AZCE4 Datasheet HTML 244Page - Texas Instruments AM1808AZCE4 Datasheet HTML 245Page - Texas Instruments AM1808AZCE4 Datasheet HTML 246Page - Texas Instruments AM1808AZCE4 Datasheet HTML 247Page - Texas Instruments AM1808AZCE4 Datasheet HTML 248Page - Texas Instruments AM1808AZCE4 Datasheet HTML 249Page - Texas Instruments AM1808AZCE4 Datasheet HTML 250Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 264 page
background image
AM1808
SPRS653 – FEBRUARY 2010
www.ti.com
Table 6-134. GPIO Registers (continued)
BYTE ADDRESS
ACRONYM
REGISTER DESCRIPTION
GPIO Banks 6 and 7
0x01E2 6088
DIR67
GPIO Banks 6 and 7 Direction Register
0x01E2 608C
OUT_DATA67
GPIO Banks 6 and 7 Output Data Register
0x01E2 6090
SET_DATA67
GPIO Banks 6 and 7 Set Data Register
0x01E2 6094
CLR_DATA67
GPIO Banks 6 and 7 Clear Data Register
0x01E2 6098
IN_DATA67
GPIO Banks 6 and 7 Input Data Register
0x01E2 609C
SET_RIS_TRIG67
GPIO Banks 6 and 7 Set Rising Edge Interrupt Register
0x01E2 60A0
CLR_RIS_TRIG67
GPIO Banks 6 and 7 Clear Rising Edge Interrupt Register
0x01E2 60A4
SET_FAL_TRIG67
GPIO Banks 6 and 7 Set Falling Edge Interrupt Register
0x01E2 60A8
CLR_FAL_TRIG67
GPIO Banks 6 and 7 Clear Falling Edge Interrupt Register
0x01E2 60AC
INTSTAT67
GPIO Banks 6 and 7 Interrupt Status Register
GPIO Bank 8
0x01E2 60B0
DIR8
GPIO Bank 8 Direction Register
0x01E2 60B4
OUT_DATA8
GPIO Bank 8 Output Data Register
0x01E2 60B8
SET_DATA8
GPIO Bank 8 Set Data Register
0x01E2 60BC
CLR_DATA8
GPIO Bank 8 Clear Data Register
0x01E2 60C0
IN_DATA8
GPIO Bank 8 Input Data Register
0x01E2 60C4
SET_RIS_TRIG8
GPIO Bank 8 Set Rising Edge Interrupt Register
0x01E2 60C8
CLR_RIS_TRIG8
GPIO Bank 8 Clear Rising Edge Interrupt Register
0x01E2 60CC
SET_FAL_TRIG8
GPIO Bank 8 Set Falling Edge Interrupt Register
0x01E2 60D0
CLR_FAL_TRIG8
GPIO Bank 8 Clear Falling Edge Interrupt Register
0x01E2 60D4
INTSTAT8
GPIO Bank 8 Interrupt Status Register
246
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com