Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCE4 Datasheet(PDF) 248 Page - Texas Instruments

Part # AM1808AZCE4
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCE4 Datasheet(HTML) 248 Page - Texas Instruments

Back Button AM1808AZCE4 Datasheet HTML 244Page - Texas Instruments AM1808AZCE4 Datasheet HTML 245Page - Texas Instruments AM1808AZCE4 Datasheet HTML 246Page - Texas Instruments AM1808AZCE4 Datasheet HTML 247Page - Texas Instruments AM1808AZCE4 Datasheet HTML 248Page - Texas Instruments AM1808AZCE4 Datasheet HTML 249Page - Texas Instruments AM1808AZCE4 Datasheet HTML 250Page - Texas Instruments AM1808AZCE4 Datasheet HTML 251Page - Texas Instruments AM1808AZCE4 Datasheet HTML 252Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 264 page
background image
AM1808
SPRS653 – FEBRUARY 2010
www.ti.com
6.33 Programmable Real-Time Unit Subsystem (PRUSS)
The Programmable Real-Time Unit Subsystem (PRUSS) consists of
•
Two Programmable Real-Time Units (PRU0 and PRU1) and their associated memories
•
An Interrupt Controller (INTC) for handling system interrupt events. The INTC also supports posting
events back to the device level host CPU.
•
A Switched Central Resource (SCR) for connecting the various internal and external masters to the
resources inside the PRUSS.
The two PRUs can operate completely independently or in coordination with each other. The PRUs can
also work in coordination with the device level host CPU. This is determined by the nature of the program
which is loaded into the PRUs instruction memory. Several different signaling mechanisms are available
between the two PRUs and the device level host CPU.
The PRUs are optimized for performing embedded tasks that require manipulation of packed memory
mapped data structures, handling of system events that have tight realtime constraints and interfacing with
systems external to the device.
The PRUSS comprises various distinct addressable regions. Externally the subsystem presents a single
64Kbyte range of addresses. The internal interconnect bus (also called switched central resource, or SCR)
of the PRUSS decodes accesses for each of the individual regions. The PRUSS memory map is
documented in Table 6-138 and in Table 6-139. Note that these two memory maps are implemented
inside the PRUSS and are local to the components of the PRUSS.
Table 6-138. Programmable Real-Time Unit Subsystem (PRUSS) Local Instruction Space Memory Map
BYTE ADDRESS
PRU0
PRU1
0x0000 0000 - 0x0000 0FFF
PRU0 Instruction RAM
PRU1 Instruction RAM
Table 6-139. Programmable Real-Time Unit Subsystem (PRUSS) Local Data Space Memory Map
BYTE ADDRESS
PRU0
PRU1
0x0000 0000 - 0x0000 01FF
Data RAM 0 (1)
Data RAM 1 (1)
0x0000 0200 - 0x0000 1FFF
Reserved
Reserved
0x0000 2000 - 0x0000 21FF
Data RAM 1 (1)
Data RAM 0 (1)
0x0000 2200 - 0x0000 3FFF
Reserved
Reserved
0x0000 4000 - 0x0000 6FFF
INTC Registers
INTC Registers
0x0000 7000 - 0x0000 73FF
PRU0 Control Registers
PRU0 Control Registers
0x0000 7400 - 0x0000 77FF
Reserved
Reserved
0x0000 7800 - 0x0000 7BFF
PRU1 Control Registers
PRU1 Control Registers
0x0000 7C00 - 0xFFFF FFFF
Reserved
Reserved
(1)
Note that PRU0 accesses Data RAM0 at address 0x0000 0000, also PRU1 accesses Data RAM1 at address 0x0000 0000. Data RAM0
is intended to be the primary data memory for PRU0 and Data RAM1 is intended to be the primary data memory for PRU1. However for
passing information between PRUs, each PRU can access the data ram of the ‘other’ PRU through address 0x0000 2000.
The global view of the PRUSS internal memories and control ports is documented in Table 6-140. The
offset addresses of each region are implemented inside the PRUSS but the global device memory
mapping places the PRUSS slave port in the address range 0x01C3 0000-0x01C3 FFFF. The PRU0 and
PRU1 can use either the local or global addresses to access their internal memories, but using the local
addresses will provide access time several cycles faster than using the global addresses. This is because
when accessing via the global address the access needs to be routed through the switch fabric outside
PRUSS and back in through the PRUSS slave port.
Table 6-140. Programmable Real-Time Unit Subsystem (PRUSS) Global Memory Map
BYTE ADDRESS
REGION
0x01C3 0000 - 0x01C3 01FF
Data RAM 0
248
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com