Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCE4 Datasheet(PDF) 247 Page - Texas Instruments

Part # AM1808AZCE4
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCE4 Datasheet(HTML) 247 Page - Texas Instruments

Back Button AM1808AZCE4 Datasheet HTML 243Page - Texas Instruments AM1808AZCE4 Datasheet HTML 244Page - Texas Instruments AM1808AZCE4 Datasheet HTML 245Page - Texas Instruments AM1808AZCE4 Datasheet HTML 246Page - Texas Instruments AM1808AZCE4 Datasheet HTML 247Page - Texas Instruments AM1808AZCE4 Datasheet HTML 248Page - Texas Instruments AM1808AZCE4 Datasheet HTML 249Page - Texas Instruments AM1808AZCE4 Datasheet HTML 250Page - Texas Instruments AM1808AZCE4 Datasheet HTML 251Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 264 page
background image
GP [ ]
asinput
n m
GPn m
[ ]
asoutput
4
3
2
1
GP [ ]
asinput
n m
2
1
AM1808
www.ti.com
SPRS653 – FEBRUARY 2010
6.32.2
GPIO Peripheral Input/Output Electrical Data/Timing
Table 6-135. Timing Requirements for GPIO Inputs(1) (see Figure 6-84)
1.3V, 1.2V, 1.1V,
1.0V
NO.
UNIT
MIN
MAX
1
tw(GPIH)
Pulse duration, GPn[m] as input high
2C(1) (2)
ns
2
tw(GPIL)
Pulse duration, GPn[m] as input low
2C(1) (2)
ns
(1)
The pulse width given is sufficient to generate a CPU interrupt or an EDMA event. However, if a user wants to have the device
recognize the GPIx changes through software polling of the GPIO register, the GPIx duration must be extended to allow the device
enough time to access the GPIO register through the internal bus.
(2)
C=SYSCLK4 period in ns.
Table 6-136. Switching Characteristics Over Recommended Operating Conditions for GPIO Outputs
(see Figure 6-84)
1.3V, 1.2V, 1.1V,
1.0V
NO.
PARAMETER
UNIT
MIN
MAX
3
tw(GPOH)
Pulse duration, GPn[m] as output high
2C(1) (2)
ns
4
tw(GPOL)
Pulse duration, GPn[m] as output low
2C(1) (2)
ns
(1)
This parameter value should not be used as a maximum performance specification. Actual performance of back-to-back accesses of the
GPIO is dependent upon internal bus activity.
(2)
C=SYSCLK4 period in ns.
Figure 6-84. GPIO Port Timing
6.32.3
GPIO Peripheral External Interrupts Electrical Data/Timing
Table 6-137. Timing Requirements for External Interrupts(1) (see Figure 6-85)
1.3V, 1.2V, 1.1V,
1.0V
NO.
PARAMETER
UNIT
MIN
MAX
1
tw(ILOW)
Width of the external interrupt pulse low
2C(1) (2)
ns
2
tw(IHIGH)
Width of the external interrupt pulse high
2C(1) (2)
ns
(1)
The pulse width given is sufficient to generate an interrupt or an EDMA event. However, if a user wants to have the device recognize the
GPIO changes through software polling of the GPIO register, the GPIO duration must be extended to allow the device enough time to
access the GPIO register through the internal bus.
(2)
C=SYSCLK4 period in ns.
Figure 6-85. GPIO External Interrupt Timing
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
247
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com