Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8141 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM8141
Description  12-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8141 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM8141 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Production Data
WM8141
WOLFSON MICROELECTRONICS LTD
PD Rev 3.0 October 2000
5
Test Conditions
AVDD = DVDD1 = DVDD2 = 4.75 to 5.25V, AGND = DGND = 0V, TA = 0 to 70
°C, MCLK = 12MHz unless otherwise stated.
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
VRLC/Reset-Level Clamp (RLC)
RLC switching impedance
50
Ω
VRLC short-circuit current
5mA
VRLC output resistance
2
Ω
VRLC Hi-Z leakage current
1
µA
RLCDAC resolution
4bits
RLCDAC step size, RLCDAC = 0
VRLCSTEP
0.24
V/step
RLCDAC step size, RLCDAC = 1
VRLCSTEP
0.16
V/step
RLCDAC output voltage at
code 0(hex), RLCDACRNG = 0
VRLCBOT
0.4
V
RLCDAC output voltage at
code 0(hex), RLCDACRNG = 1
VRLCBOT
0.25
V
RLCDAC output voltage at
code F(hex) RLCDACRNG, = 0
VRLCTOP
4.2
V
RLCDAC output voltage at
code F(hex), RLCDACRNG = 1
VRLCTOP
2.85
V
Offset DAC, Monotonicity Guaranteed
Resolution
8bits
Differential non-linearity
DNL
0.1
0.5
LSB
Integral non-linearity
INL
0.25
1
LSB
Step size
2.04
mV/step
Output voltage
Code 00(hex)
Code FF(hex)
-260
+260
mV
mV
Programmable Gain Amplifier
Resolution
8bits
Gain
]
0
:
7
[
PGA
283
208
−
V/V
Max gain, each channel
GMAX
7.4
V/V
Min gain, each channel
GMIN
0.74
V/V
Gain error, each channel
15
%
Supply Currents
Total supply current – active
45
65
mA
Total analogue supply current –
active
IAVDD
42
mA
Digital logic supply current,
DVDD1 – active
2mA
Digital I/O supply current,
DVDD2 – active
1mA
Supply current – full power down
mode
10
µA
Notes: 1.
Full-scale input voltage denotes the maximum amplitude of the input signal at the specified gain.
2.
Input signal limits are the limits within which the full-scale input voltage signal must lie.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com