Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8141 Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM8141
Description  12-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8141 Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM8141 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 31Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
WM8141
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 3.0 October 2000
30
RECOMMENDED EXTERNAL COMPONENTS
14
32
21
20
19
28
27
26
25
24
23
22
DVDD1
DVDD2
AGND
RINP
GINP
BINP
MCLK
VSMP
RLC/ACYC
SCK/RNW
SEN/STB
SDI/DNA
OEB
29
18
16
17
15
10
9
8
7
6
5
4
3
2
1
31
30
OP[0]
OP[1]
OP[2]
OP[3]
OP[4]
OP[5]
OP[6]
OP[11]/SDO
OP[10]
OP[9]
OP[8]
OP[7]
VRLC/VBIAS
VRX
VRT
VRB
AVDD
WM8141
C2
C1
C6
C8
C4
C5
C7
C9
DVDD
AVDD
C11
C10
DVDD
C12
AVDD
++
+
Video
Inputs
Timing
Signals
Interface
Controls
Output
Data
Bus
C1-9 should be fitted as close to
NOTES:
DGND
DGND
AGND
AGND
AGND
AGND and DGND should be connected
as close to WM8141 as possible.
WM8141 as possible.
1.
2.
11
NRESET
AGND
13
DGND
12
C3
AGND
Figure 27 External Components Diagram
COMPONENT
REFERENCE
SUGGESTED
VALUE
DESCRIPTION
C1
100nF
De-coupling for DVDD1.
C2
100nF
De-coupling for DVDD2.
C3
100nF
De-coupling for AVDD.
C4
10nF
High frequency de-coupling between VRT and VRB.
C5
1
µF
Low frequency de-coupling between VRT and VRB (non-polarised).
C6
100nF
De-coupling for VRB.
C7
100nF
De-coupling for VRX.
C8
100nF
De-coupling for VRT.
C9
100nF
De-coupling for VRLC.
C10
10
µF
Reservoir capacitor for DVDD.
C11
10
µF
Reservoir capacitor for DVDD.
C12
10
µF
Reservoir capacitor for AVDD.
Table 11 External Components Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com