Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8141 Datasheet(PDF) 2 Page - Wolfson Microelectronics plc

Part # WM8141
Description  12-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8141 Datasheet(HTML) 2 Page - Wolfson Microelectronics plc

  WM8141 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
WM8141
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 3.0 October 2000
2
PIN CONFIGURATION
ORDERING INFORMATION
DEVICE
TEMP. RANGE
PACKAGE
WM8141CFT/V
0 to 70
°C
32-pin TQFP
OP[2]
OP[8]
OP[7]
OP[6]
OP[5]
OP[4]
OP[3]
OP[9]
SDI/DNA
VRLC/VBIAS
BINP
GINP
RINP
OEB
SEN/STB
VRX
1
8
7
6
5
4
3
2
16
9
10
11
12
13
14 15
24
17
18
19
20
21
22
23
25
32
31
30
29
28
27
26
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
OP[2]
Digital output
2
OP[3]
Digital output
3
OP[4]
Digital IO
4
OP[5]
Digital IO
5
OP[6]
Digital IO
6
OP[7]
Digital IO
7
OP[8]
Digital IO
8
OP[9]
Digital IO
9
OP[10]
Digital IO
10
OP[11]/
SDO
Digital IO
Hi-Z digital 12-bit bi-directional bus. There are several modes:
Hi-Z: when OEB = 1.
12-bit output: 12-bit data is output on OP[11:0].
8-bit multiplexed output: data is output on OP[11:4] at 2
∗ ADC conversion rate.
6-bit multiplexed output: data is output on OP[11:6] at 2
∗ ADC conversion rate.
4-bit multiplexed output: data is output on OP[11:8] at 4
∗ ADC conversion rate.
Input 8-bit: control data is input on OP[11:4] in parallel mode when SCK/RNW = 0,
and SEN/STB = 0.
Output 8-bit: register read back data is output in parallel on OP[11:4] when
SCK/RNW = 1, and SEN/STB = 0, or in serial on pin SDO when SEN/STB = 1.
11
NRESET
Digital input
Reset input, active low. This signal forces a reset of all internal registers and selects
whether the serial or parallel control bus is used (see SEN/STB).
12
AVDD
Supply
Analogue supply (3.3/5V) for CDS, PGA and OFFSET blocks. This must be operated at
the same potential as DVDD1.
13
AGND
Supply
Analogue ground (0V).
14
DVDD1
Supply
Digital supply (3.3/5V) for logic and clock generator. This must be operated at the same
potential as AVDD.
15
VRB
Analogue output
Lower reference voltage. This pin must be connected to AGND via a decoupling
capacitor.
16
VRT
Analogue output
Upper reference voltage. This pin must be connected to AGND via a decoupling
capacitor.
17
VRX
Analogue output
Input return bias voltage. This pin must be connected to AGND via a decoupling
capacitor.
18
VRLC/
VBIAS
Analogue IO
Selectable analogue output voltage for RLC or single-ended bias reference. This pin
would typically be connected to AGND via a decoupling capacitor. VRLC can be
externally driven if programmed Hi-Z.
19
BINP
Analogue input
Blue channel input video.
20
GINP
Analogue input
Green channel input video.
21
RINP
Analogue input
Red channel input video.
22
OEB
Digital input
Output Hi-Z control: all outputs disabled when OEB = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com