Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8141 Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM8141
Description  12-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8141 Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM8141 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Production Data
WM8141
WOLFSON MICROELECTRONICS LTD
PD Rev 3.0 October 2000
3
PIN
NAME
TYPE
DESCRIPTION
Serial Interface: Enable pulse, active high.
Parallel Interface: Strobe, active low.
23
SEN/STB
Digital input
Latched on NRESET rising edge: If Low then device control is via serial interface,
if High then device control is via parallel interface.
24
SDI/DNA
Digital input
Serial Interface: Serial input
data signal.
Parallel Interface: High = data,
Low = address.
25
SCK/RNW
Digital input
Serial Interface: Serial clock signal.
Parallel Interface:
High = OP[11:4] is output bus,
Low = OP[11:4] is input bus (Hi-Z)
26
RLC/
ACYC
Digital input
Selects whether Reset Level Clamp is
applied (active high). If RLC is required on
every pixel then this pin can be tied high.
ACYC, auto-cycles between RINP, GINP,
BINP when in line by line mode.
27
VSMP
Digital input
Video sample synchronisation pulse.
28
MCLK
Digital input
Master clock. This clock is applied at N times the input pixel rate (N = 8, 6, 3 or 2
depending on the input sampling mode).
29
DGND
Supply
Digital ground (0V).
30
OP[0]
Digital output
31
OP[1]
Digital output
Hi-Z digital 12-bit bi-directional bus, see description for pins OP[2] to OP[11]/SDO.
32
DVDD2
Supply
Digital supply (3.3/5V) for all digital pins.
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at
or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
As per JEDEC specifications A112-A and A113-B, this product requires specific storage conditions prior to surface mount
assembly. It has been classified as having a Moisture Sensitivity Level of 2 and as such will be supplied in vacuum-sealed
moisture barrier bags.
CONDITION
MIN
MAX
Analogue supply voltage: AVDD
GND - 0.3V
GND + 7V
Digital supply voltages: DVDD1, DVDD2
GND - 0.3V
GND + 7V
Digital ground: DGND
GND - 0.3V
GND + 0.3V
Analogue ground: AGND
GND - 0.3V
GND + 0.3V
Digital inputs, digital outputs and digital pins
GND - 0.3V
DVDD2 + 0.3V
Analogue inputs (RINP, GINP, BINP)
GND - 0.3V
AVDD + 0.3V
Other pins
GND - 0.3V
AVDD + 0.3V
Operating temperature range: TA
0
°C+70°C
Storage temperature
-50
°C
+150
°C
Package body temperature (soldering, 10 seconds)
+240
°C
Package body temperature (soldering, 2 minutes)
+183
°C
Notes: 1.
GND denotes the voltage of any ground pin.
2.
AGND and DGND pins are intended to be operated at the same potential. Differential voltages between these pins
will degrade performance.
3.
AVDD and DVDD1 pins are intended to be operated at the same potential. Differential voltages between these pins
will degrade performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com