Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8141 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8141
Description  12-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8141 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8141 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
WM8141
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 3.0 October 2000
4
RECOMMENDED OPERATING CONDITIONS
CONDITION
SYMBOL
MIN
TYP
MAX
UNITS
Operating temperature range
TA
070
°C
Digital supply voltages (5V operation)
DVDD1, DVDD2
4.75
5
5.25
V
Digital supply voltages (3.3V operation)
DVDD1, DVDD2
2.97
3.3
3.63
V
Analogue supply voltage (5V operation)
AVDD
4.75
5
5.25
V
Analogue supply voltage (3.3V operation)
AVDD
2.97
3.3
3.63
V
POSSIBLE POWER SUPPLY COMBINATIONS
COMBINATION
AVDD, DVDD1 (VOLTS)
DVDD2 (VOLTS)
155
25
3.3
33.3
3.3
ELECTRICAL CHARACTERISTICS
ANALOGUE CHARACTERISTICS (5V OPERATION)
Test Conditions
AVDD = DVDD1 = DVDD2 = 4.75 to 5.25V, AGND = DGND = 0V, TA = 0 to 70
°C, MCLK = 12MHz unless otherwise stated.
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Overall System Specification Including CDS, PGA, OFFSET and ADC Functions. No Missing Codes Guaranteed.
Full-scale input voltage range
(see Note 1)
Max Gain
Min Gain
0.4
4.08
Vp-p
Vp-p
Input signal limits (see Note 2)
VIN
0
AVDD
V
Full-scale transition error
Gain = 0dB;
PGA[7:0] = 4B(hex)
20
mV
Zero-scale transition error
Gain = 0dB;
PGA[7:0] = 4B(hex)
20
mV
Differential non-linearity
DNL
0.5
1
LSB
Integral non-linearity
INL
2
LSB
Channel to channel gain matching
1%
References
Upper reference voltage
VRT
2.70
2.85
3.00
V
Lower reference voltage
VRB
1.25
1.35
1.45
V
Input return bias voltage
VRX
0.60
0.65
0.70
V
Diff. reference voltage (VRT-VRB)
VRTB
1.4
1.5
1.6
V
Output resistance VRT, VRB, VRX
1
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com