Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8141 Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM8141
Description  12-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8141 Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM8141 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
WM8141
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 3.0 October 2000
14
The INPUT SAMPLING BLOCK produces an effective input voltage V1. For CDS, this is the
difference between the input video level VIN and the input reset level VRESET. For non-CDS this is the
difference between the input video level VIN and the voltage on the VRLC/VBIAS pin, VVRLC,
optionally set via the RLC DAC.
The OFFSET DAC BLOCK then adds the amount of fine offset adjustment required to move the
black level of the input signal towards 0V, producing V2.
The PGA BLOCK then amplifies the white level of the input signal to maximise the ADC range,
outputting voltage V3.
The ADC BLOCK then converts the analogue signal, V3, to a 12-bit unsigned digital output, D1.
The digital output is then inverted, if required, through the OUTPUT INVERT BLOCK to produce D2.
CALCULATING OUTPUT FOR ANY GIVEN INPUT
The following equations describe the processing of the video and reset level signals through
the WM8141.
INPUT SAMPLING BLOCK: INPUT SAMPLING AND REFERENCING
If CDS = 1, (i.e. CDS operation) the previously sampled reset level, VRESET, is subtracted from the
input video.
V1
=VIN - VRESET ...................................................................
Eqn. 1
If CDS = 0, (non-CDS operation) the simultaneously sampled voltage on pin VRLC is subtracted
instead.
V1
=VIN - VVRLC ....................................................................
Eqn. 2
If RLCEXT = 1, VVRLC is an externally applied voltage on pin VRLC/VBIAS.
If RLCEXT = 0, VVRLC is the output from the internal RLC DAC.
VVRLC
=(VRLCSTEP
∗ RLCV[3:0]) + VRLCBOT ................................. Eqn. 3
VRLCSTEP is the step size of the RLC DAC and VRLCBOT is the minimum output of the RLC DAC.
OFFSET DAC BLOCK: OFFSET (BLACK-LEVEL) ADJUST
The resultant signal V1 is added to the Offset DAC output.
V2
=
V1 + {260mV
∗ (DAC[7:0]-127.5) } / 27.5 ....................... Eqn. 4
PGA NODE: GAIN ADJUST
The signal is then multiplied by the PGA gain,
V3
=
V2
∗ 208/(283- PGA[7:0]) .............................................. Eqn. 5
ADC BLOCK: ANALOGUE-DIGITAL CONVERSION
The analogue signal is then converted to a 12-bit unsigned number, with input range configured by
PGAFS[1:0].
D1[11:0] = INT{ (V3 /VFS)
∗ 4095} + 2047
PGAFS[1:0] = 00 or 01 ......
Eqn. 6
D1[11:0] = INT{ (V3 /VFS)
∗ 4095}
PGAFS[1:0] = 11 ...............
Eqn. 7
D1[11:0] = INT{ (V3 /VFS)
∗ 4095} + 4095
PGAFS[1:0] = 10 ...............
Eqn. 8
where the ADC full-scale range, VFS = 3V at AVDD=5V and VFS = 1.5V at AVDD=3.3V
OUTPUT INVERT BLOCK: POLARITY ADJUST
The polarity of the digital output may be inverted by control bit INVOP.
D2[11:0] = D1[11:0]
(INVOP = 0) ......................
Eqn. 9
D2[11:0] = 4095 – D1[11:0]
(INVOP = 1) ......................
Eqn. 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com