Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8141 Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM8141
Description  12-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8141 Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM8141 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 31Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
Production Data
WM8141
WOLFSON MICROELECTRONICS LTD
PD Rev 3.0 October 2000
29
COLOUR LINE-BY-LINE
S
E
N
S
O
R
BUFFER
WM8141
INCLUDING
RECOMMENDED
EXTERNAL
COMPONENTS
DATA
CONTROL I/F
CLOCKS
V
OUT
RINP
C
See sensor
datasheet for
details
SENSOR TIMING
Maximum pixel rate = 1.5Mpixels/second (Mode 6)
Maximum pixel rate = 2Mpixels/second (Mode 2)
Maximum pixel rate = 4Mpixels/second (Mode 3)
Maximum pixel rate = 6Mpixels/second (Mode 4)
SYSTEM
ASIC
Figure 26 Block Diagram Of Colour Line-By-Line Application, AC Coupled
REGISTER
SETTING
NAME
ADDRESS
HEX
BINARY
NOTE
Set-up
register 1
000001
23
0010 0X11
EN = 1: Device enabled;
CDS = 1: CDS enabled;
MONO = X: Forced internally when LINEBYLINE
is set;
SELPD = 0: No selective power down;
PGAFS[1:0] = 10: ADC range optimised for
negative going video;
MODE4 = 0: set high if MCLK:VSMP ratio of 2:1
is required.
Set-up
register 2
000010
20
0010 0000
MUXOP[1:0] = 00: 12-bit parallel output;
INVOP = 0: Output data not inverted;
VRLCEXT = 0: RLCDAC required to provide
reset level clamp voltage since sensor is
AC coupled;
RLCDACRNG = 1: RLCDAC range is 0V to VRT;
DEL[1:0] = 00: Default latency.
Set-up
register 3
000011
1F
01 1111
RLCV[3:0] = 1111: RLCDAC full scale voltage;
CDSREF[1:0] = 01: Default reset sample
position;
CHAN[1:0] = XX: Colour mode so not required.
Set-up
register 4
000101
0B
00XX 1111
LINEBYLINE = 1: Line by line mode selected;
ACYCNRLC = 1: Auto-cycling required;
FME = 1: Input mux controlled by FME bits;
RLCINT = 1: RLC performed on every pixel;
INTM[1:0] = XX: PGA/Offset multiplexers
controlled by auto-cycling so these bits have
no effect;
FME[1:0] = 00: Controls input multiplexer to
select red channel.
Set-up
register 5
001000
00
0000 0000
Only used if programmable VSMP circuit is
required.
Set-up
register 6
001001
00
0000 0000
Green and blue channels are automatically
powered down when LINEBYLINE = 1.
Table 10 Typical Control Register Settings for Figure 26 (CDS, Negative-Going CCD
Video Signal, MCLK/VSMP = 2:1/3:1/6:1/8:1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com