Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8141 Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8141
Description  12-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8141 Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8141 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
WM8141
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 3.0 October 2000
24
REGISTER
BIT
NO
BIT
NAME(S)
DEFAULT
DESCRIPTION
Determines the output data format.
1:0
MUXOP[1:0]
0
00 = 12-bit output
01 = 8-bit multiplexed (8+4 bits)
10 = 6-bit multiplexed mode (6+6 bits)
11 = 4-bit multiplexed mode (4+4+4 bits)
2INVOP
0
Digitally inverts the polarity of output data.
0 = negative going video gives negative going output.
1 = negative-going video gives positive going output data.
3
VRLCEXT
0
When set powers down the RLCDAC, changing its output to Hi-Z, allowing
VRLC to be externally driven.
5
RLCDACRNG
1
Sets the output range of the RLCDAC.
0 = RLCDAC ranges from 0 to AVDD (approximately).
1 = RLCDAC ranges from 0 to VRT (approximately).
Sets the output latency in ADC clock periods.
1 ADC clock period = 2 MCLK periods except in mode 3 where 1 ADC clock
period = 3 MCLK periods.
Setup
Register 2
7:6
DEL[1:0]
00
00 = Minimum latency
01 = Delay by one ADC
clock period
10 = Delay by two ADC clock periods
11 = Delay by three ADC clock periods
3:0
RLCV[3:0]
1111
Controls RLCDAC driving VRLC pin to define single ended signal reference
voltage or Reset Level Clamp voltage. See Electrical Characteristics section
for ranges.
5:4
CDSREF[1:0]
01
CDS mode reset timing adjust.
00 = Advance 1 MCLK period
01 = Normal
10 = Retard 1 MCLK period
11 = Retard 2 MCLK periods
Monochrome mode channel select.
Setup
Register 3
7:6
CHAN[1:0]
00
00 = Red channel select
01 = Green channel select
10 = Blue channel select
11 = Reserved
Software
Reset
Any write to Software Reset causes all cells to be reset.
Auto-cycle
Reset
Any write to Auto-cycle Reset causes the auto-cycle counter to reset
to RINP.
0
LINEBYLINE
0
Selects line by line operation 0 = normal operation,
1 = line by line operation.
When line by line operation is selected MONO is forced to 1 and CHAN[1:0]
to 00 internally, ensuring that the correct internal timing signals are
produced. Green and Blue PGAs are also disabled to save power.
1
ACYCNRLC
0
When LINEBYLINE = 0 this bit has no effect.
When LINEBYLINE = 1 this bit determines the function of the RLC/ACYC
input pin and the input multiplexer and offset/gain register controls.
0 = RLC/ACYC pin enabled for Reset Level Clamp. Internal selection of
input and gain/offset multiplexers.
1 = Auto-cycling enabled by pulsing the RLC/ACYC input pin.
See Table 4, Colour Selection Description in Line-by-Line Mode for colour
selection mode details.
When auto-cycling is enabled, the RLC/ACYC pin cannot be used for reset
level clamping. The RLCINT bit may be used instead.
2FME
0
When LINEBYLINE = 0 this bit has no effect.
When LINEBYLINE = 1 this bit controls the input force mux mode:
0 = No force mux, 1 = Force mux mode. Forces the input mux to be selected
by FM[1:0] separately from gain and offset multiplexers.
See Table 4 for details.
3RLCINT
0
When LINEBYLINE = 1 and ACYCNRLC = 1 this bit is used to determine
whether Reset Level Clamping is used.
0 = RLC disabled, 1 = RLC enabled.
5:4
INTM[1:0]
00
Colour selection bits used in internal modes. See Table 4 for details.
00 = Red, 01 = Green, 10 = Blue and 11 = Reserved.
Setup
Register 4
7:6
FM[1:0]
00
Colour selection bits used in input force mux modes.
See Table 4 for details.
00 = Red, 01 = Green, 10 = Blue and 11 = Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com