Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8141 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8141
Description  12-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8141 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8141 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
WM8141
12-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
Production Data, October 2000, Rev 3.0
WOLFSON MICROELECTRONICS LTD
Lutton Court, Bernard Terrace, Edinburgh, EH8 9NX, UK
Tel: +44 (0) 131 667 9386
Fax: +44 (0) 131 667 5176
Email: sales@wolfson.co.uk
http://www.wolfson.co.uk
Production Data Datasheets contain final
specifications current on publication date.
Supply of products conforms to Wolfson
Microelectronics’ Terms and Conditions.
2000 Wolfson Microelectronics Ltd.
DESCRIPTION
The WM8141 is a 12-bit analogue front end/digitiser that
processes and digitises the analogue output signals from
CCDs or Contact Image Sensors (CIS). The device can be
operated as either a three channel or a single channel
device at pixel sample rates of up to 6MSPS. The device
has both external and programmable internal black level
reference options for CIS operation. The WM8141 runs off a
single supply voltage of either 3.3V or 5V. Alternatively, the
device can be operated from split 5V core and 3.3V digital
interface supplies.
The WM8141 includes three analogue signal processing
channels each of which contains reset level clamping,
correlated double sampling and programmable offset and
gain adjust facilities. Each of these channels is time
multiplexed into a single high-speed 12-bit resolution ADC,
which digitises the pixel image information. The digital data
output is available to the user in either 12-bit parallel or
8/6/4-bit wide multiplexed formats.
The internal control registers are programmable via a
convenient serial or parallel digital interface. The WM8141
typically consumes only 45mA and less than 10
µA when in
power down mode.
FEATURES
•
12-bit resolution ADC
•
6MSPS conversion rate at 5V supply
•
5V or 3.3V single supply or 5V/3.3V dual supply operation
•
Single or 3 channel operation
•
Correlated double sampling
•
Programmable gain (8-bit resolution)
•
Programmable offset adjust (8-bit resolution)
•
12-bit parallel or 8/6/4-bit wide multiplexed output bus
•
Internally generated voltage references
•
External or internal reference for CIS operation
•
Low power – 225mW typical at 5V supply
•
Interface and timing compatible with WM8143, WM8144
and WM8142 devices
•
Drop in replacement for WM8143-12
•
32-pin TQFP package
APPLICATIONS
• Flatbed and sheetfeed scanners
• USB compatible scanners
• Multi-function peripherals
• CCD sensor interface
• Contact image sensor (CIS) interface
BLOCK DIAGRAM
M
U
X
RINP (21)
DATA
I/O
PORT
(23) SEN/STB
VSMP
(27)
MCLK
(28)
VRLC/VBIAS
(18)
(24) SDI/DNA
(25) SCK/RNW
DVDD2
(32)
TIMING CONTROL
CL
(26) RLC/ACYC
RLC
V
S
R
S
BINP (19)
GINP (20)
VRX
(17)
VRT
(16)
VREF/BIAS
(22) OEB
M
U
X
M
U
X
(11) NRESET
VRB
(15)
RLC
RLC
CDS
CDS
CDS
R
G
B
M
U
X
R
G
B
+
PGA
I/P SIGNAL
POLARITY
ADJUST
8
8
OFFSET
DAC
PGA
8
8
OFFSET
DAC
PGA
8
OFFSET
DAC
RLC
DAC
8
4
+
+
+
CONFIGURABLE
SERIAL/
PARALLEL
CONTROL
INTERFACE
12
BIT
ADC
(13)
AGND
(29)
DGND
AVDD
(12)
DVDD1
(14)
(30) OP[0]
(31) OP[1]
(1) OP[2]
(2) OP[3]
(3) OP[4]
(4) OP[5]
(5) OP[6]
(6) OP[7]
(7) OP[8]
(8) OP[9]
(9) OP[10]
(10) OP[11]/SDO
+
+
I/P SIGNAL
POLARITY
ADJUST
I/P SIGNAL
POLARITY
ADJUST
WM8141


Similar Part No. - WM8141

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8143-10 WOLFSON-WM8143-10 Datasheet
491Kb / 24P
10-bit/6MSPS CCD Signal Processor
WM8143-10CFT/V WOLFSON-WM8143-10CFT/V Datasheet
491Kb / 24P
10-bit/6MSPS CCD Signal Processor
WM8143-12 WOLFSON-WM8143-12 Datasheet
379Kb / 24P
12-bit/4MSPS CCD Signal Processor
WM8143-12CFT/V WOLFSON-WM8143-12CFT/V Datasheet
379Kb / 24P
12-bit/4MSPS CCD Signal Processor
WM8144 WOLFSON-WM8144 Datasheet
395Kb / 27P
Integrated 10-bit Data Acquisition system for Imaging Applications
More results

Similar Description - WM8141

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8148 WOLFSON-WM8148 Datasheet
491Kb / 43P
12-bit/12MSPS CCD/CIS Analogue Front End/Digitiser
WM8181 WOLFSON-WM8181 Datasheet
150Kb / 14P
12-bit 2MSPS Serial Output CIS/CCD Digitiser
WM8190 WOLFSON-WM8190 Datasheet
438Kb / 25P
(86) Bit Output 14-bit CIS/CCD AFE/Digitiser
WM8191 WOLFSON-WM8191 Datasheet
355Kb / 27P
14-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
WM8192 WOLFSON-WM8192 Datasheet
619Kb / 24P
(88) Bit Output 16-bit CIS/CCD AFE/Digitiser
WM8198 WOLFSON-WM8198 Datasheet
379Kb / 31P
(8 8 ) BIT OUTPUT 16 BIT CIS/CCD AFE/DIGITISER
WM8196 WOLFSON-WM8196 Datasheet
366Kb / 30P
(88)BIT OUTPUT 16-BIT CIS/CCD AFE/DIGITISER
WM8195 WOLFSON-WM8195 Datasheet
334Kb / 31P
14-bit 12MSPS CIS/CCD Analogue Front End/Digitiser
WM8195 WOLFSON-WM8195_05 Datasheet
382Kb / 33P
14-bit 12MSPS CIS/CCD Analogue Front End/Digitiser
WM8196 WOLFSON-WM8196_07 Datasheet
381Kb / 32P
(8 8) Bit Output 16-bit CIS/CCD AFE/Digitiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com