Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6845G Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS6845G
Description  Regulated 5V Charge Pump
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6845G Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS6845G Datasheet HTML 1Page - Silicon Standard Corp. SS6845G Datasheet HTML 2Page - Silicon Standard Corp. SS6845G Datasheet HTML 3Page - Silicon Standard Corp. SS6845G Datasheet HTML 4Page - Silicon Standard Corp. SS6845G Datasheet HTML 5Page - Silicon Standard Corp. SS6845G Datasheet HTML 6Page - Silicon Standard Corp. SS6845G Datasheet HTML 7Page - Silicon Standard Corp. SS6845G Datasheet HTML 8Page - Silicon Standard Corp. SS6845G Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.SiliconStandard.com
2 of 13
SS6845G
7/21/2005 Rev.3.01
ORDERING INFORMATION
PIN CONFIGURATION
C-
C+
3
2
1
4
6
(MARK SIDE)
5
VIN
SOT-23-6
TOP VIEW
Packing type:
TR: Tape and reel
Package type:
G
G: RoHS-compliant SOT-23-6
SS6
845GG TR
GND
VOUT
SHDN
SOT-23-6 Marking
Part No.
Marking
SS6
845GG
BO50P
ABSOLUTE MAXIMUM RATINGS
VIN to GND
6V
VOUT to GND
6V
All other ins to GND
6V
VOUT short-circuit duration
Continuous
Operating ambient temperature range
-40
°C to 85 °C
Junction temperature
125
°C
Storage temperature range
-65
°C to 150 °C
Lead temperature (minimum 10 seconds)
260
°C
Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
TEST CIRCUIT
Refer to the TYPICAL APPLICATION CIRCUIT on page 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com