Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6845G Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS6845G
Description  Regulated 5V Charge Pump
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6845G Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6845G Datasheet HTML 1Page - Silicon Standard Corp. SS6845G Datasheet HTML 2Page - Silicon Standard Corp. SS6845G Datasheet HTML 3Page - Silicon Standard Corp. SS6845G Datasheet HTML 4Page - Silicon Standard Corp. SS6845G Datasheet HTML 5Page - Silicon Standard Corp. SS6845G Datasheet HTML 6Page - Silicon Standard Corp. SS6845G Datasheet HTML 7Page - Silicon Standard Corp. SS6845G Datasheet HTML 8Page - Silicon Standard Corp. SS6845G Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.SiliconStandard.com
3 of 13
SS6845G
7/21/2005 Rev.3.01
ELECTRICAL CHARACTERISTICS
(TA=25°C, CFLY=0.22µF, CIN=2.2µF, COUT=2.2µF, unless otherwise specified.) (Note 1)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Input voltage
VIN
2.7
5.0
V
2.7V
≤ VIN< 3.3V,
IOUT≤ 30mA
4.8
5.0
5.2
Output voltage
3.3V
≤ VIN≤ 5.0V,
IOUT≤ 60mA
VOUT
4.8
5.0
5.2
V
Continuous output current
VIN=3V, VOUT=5.0V
SHDN
=VIN
IOUT
60
mA
Supply current
2.7V
≤ VIN≤ 5.0V,
IOUT=0 , SHDN =VIN
ICC
13
30
µA
Shutdown current
2.7V
≤ VIN≤ 5.0V,
IOUT=0 , SHDN =0V
I
SHDN
0.01
1.0
µA
Output ripple
VIN =3V, IOUT=50mA
VR
60
mV
Efficiency
VIN =2.7V , IOUT=30mA
η
83
%
Switching frequency
Oscillator free-running
fOSC
650
KHz
Shutdown input threshold
(High)
VIH
1.4
V
Shutdown input threshold
(Low)
VIL
0.3
V
Shutdown input current
(High)
SHDN
=VIN
IIH
-1
1
µA
Shutdown input current
(Low)
SHDN
= 0V
IIL
-1
1
µA
Vout turn-on time
VIN =3V, IOUT = 0mA
tON
0.5
mS
Output short-circuit current
VIN=3V, VOUT= 0V,
SHDN
= VIN
ISC
170
mA
Note1: Specifications are production tested at TA=25°C. Specifications over the -40°C to 85°C operating
temperature range are assured by design, characterization and correlation with Statistical Quality
Controls (SQC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com