Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6845G Datasheet(PDF) 12 Page - Silicon Standard Corp.

Part # SS6845G
Description  Regulated 5V Charge Pump
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6845G Datasheet(HTML) 12 Page - Silicon Standard Corp.

Back Button SS6845G Datasheet HTML 5Page - Silicon Standard Corp. SS6845G Datasheet HTML 6Page - Silicon Standard Corp. SS6845G Datasheet HTML 7Page - Silicon Standard Corp. SS6845G Datasheet HTML 8Page - Silicon Standard Corp. SS6845G Datasheet HTML 9Page - Silicon Standard Corp. SS6845G Datasheet HTML 10Page - Silicon Standard Corp. SS6845G Datasheet HTML 11Page - Silicon Standard Corp. SS6845G Datasheet HTML 12Page - Silicon Standard Corp. SS6845G Datasheet HTML 13Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
www.SiliconStandard.com
12 of 13
SS6845G
7/21/2005 Rev.3.01
Fig. 23 Top layer
Fig. 24 Bottom layer
Fig. 25 Topover layer
APPLICATION EXAMPLES
VOUT
1
GND
2
SHDN
3
CAP-
4
VIN
5
CAP+
6
U1
SS6
845G
VIN
CIN
2.2
µ
CFLY1
0.22
µF
VOUT
COUT
2.2
µF
VOUT
1
GND
2
SHDN
3
CAP- 4
VIN 5
CAP+ 6
U2
SS6
845G
CFLY2
0.22
µF
VSHDN
CIN, COUT : TAIYO YUDEN Ceramic Capacitor, CELMK212BJ225MG (X5R) (0805)
CFLY1, CFLY2: TAIYO YUDEN Ceramic Capacitor, CEEMK212BJ224KG (X7R) (0805)
Fig. 26 Using two SS6845G in parallel to provide larger output current.
VOUT
1
GND
2
SHDN
3
CAP- 4
VIN 5
CAP+ 6
U1
SS6
845G
USB
CIN
2.2
µF
CFLY
0.22
µF
VOUT
COUT
2.2
µF
VSHDN
CIN, COUT: TAIYO YUDEN Ceramic Capacitor, CELMK212BJ225MG (X5R) (0805)
CFLY1
: TAIYO YUDEN Ceramic Capacitor, CEEMK212BJ224KG (X7R) (0805)
Fig. 27 Regulated 5V from USB
SS6845G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com