Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6845G Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6845G
Description  Regulated 5V Charge Pump
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6845G Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6845G Datasheet HTML 1Page - Silicon Standard Corp. SS6845G Datasheet HTML 2Page - Silicon Standard Corp. SS6845G Datasheet HTML 3Page - Silicon Standard Corp. SS6845G Datasheet HTML 4Page - Silicon Standard Corp. SS6845G Datasheet HTML 5Page - Silicon Standard Corp. SS6845G Datasheet HTML 6Page - Silicon Standard Corp. SS6845G Datasheet HTML 7Page - Silicon Standard Corp. SS6845G Datasheet HTML 8Page - Silicon Standard Corp. SS6845G Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.SiliconStandard.com
1 of 13
SS6845G
7/21/2005 Rev.3.01
Input voltage range: 2.7V to 5.0V
Regulated output voltage of 5V ±4%
PRODUCT SUMMARY
Regulated 5V Charge Pump
Output current: 100mA (VIN = 3.3V)
110mA (VIN = 3.6V)
FEATURES
Ultralow power: IIN = 13µA
No inductors needed
Very low shutdown current: <1
µA
Internal oscillator: 650KHz
Short-circuit and over-temperature protection
APPLICATIONS
White or Blue LED Backlighting
SIM Interface Supplies for Cellular Telephones
Li-Ion Battery Backup Supplies
Local 3V to 5V Conversion
Smart Card Readers
PCMCIA Local 5V Supplies
DESCRIPTION
The SS6845G is a micropower charge pump
DC/DC converter that produces a regulated 5V
output. The input voltage range is 2.7V to 5.0V.
Extremely low operating current (13
µA typical
with no load) and a low external part count (one
0.22
µF flying capacitor and two small bypass
capacitors at the input and output) make the
SS6845G ideally suitable for small, battery-
powered applications.
The SS6845G operates as a PSM-mode
(Pulse Skipping Modulation) switched capacitor
voltage doubler to produce a regulated output
and features thermal shutdown capability and
short circuit protection.
TYPICAL APPLICATION CIRCUIT
VOUT
1
GND
2
SHDN
3
C-
4
VIN
5
C+ 6
U1
SS6845G
CIN
CFLY
COUT
VOUT
2.2
µF
0.22
µF
2.2
µF
1-Cell
Li-ion Battery
R1
*
*
*
*
**
Regulated 5V Output from 2.7V to 5.0V Input
*
WLED series number: NSPW310BS, VF=3.6V, IF=20mA
**
WLED
F
F
OUT
N
I
V
V
1
R
×
−
=
, where NWLED is the number of WLEDs.
CIN, COUT: CELMK212BJ225MG (X5R) (0805), TAIYO YUDEN
CFLY
: CEEMK212BJ224KG (X7R) (0805), TAIYO YUDEN
Pb-free; RoHS-compliant SOT-23-6 package


Similar Part No. - SS6845G

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SS68 FRONTIER-SS68 Datasheet
124Kb / 2P
6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
SS68 ASEMI-SS68 Datasheet
164Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
logo
Frontier Electronics.
SS68-LFR FRONTIER-SS68-LFR Datasheet
120Kb / 2P
6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Silicon Standard Corp.
SS6802 SSC-SS6802 Datasheet
253Kb / 10P
TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
SS6802AGSTB SSC-SS6802AGSTB Datasheet
253Kb / 10P
TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
More results

Similar Description - SS6845G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST619LB STMICROELECTRONICS-ST619LB Datasheet
254Kb / 9P
DC-DC CONVERTER REGULATED 5V CHARGE PUMP
May-2001
logo
Semtech Corporation
SC1517-5 SEMTECH-SC1517-5 Datasheet
111Kb / 10P
MICROPOWER, REGULATED 5V CHARGE PUMP
logo
Linear Technology
LTC1516 LINER-LTC1516 Datasheet
105Kb / 8P
Micropower, Regulated 5V Charge Pump DC/DC Converter
LTC1522 LINER-LTC1522 Datasheet
223Kb / 8P
Micropower, Regulated 5V Charge Pump DC/DC Converter
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
logo
List of Unclassifed Man...
AIC1845 ETC2-AIC1845 Datasheet
687Kb / 13P
Regulated 5V Charge Pump In SOT-23
logo
YOBON TECHNOLOGIES,INC.
YB1300 YOBON-YB1300 Datasheet
223Kb / 8P
Regulated Charge Pump 5V 100mA
logo
Analog Intergrations Co...
AIC1848 AIC-AIC1848 Datasheet
336Kb / 10P
Regulated 5V Charge Pump In SOT-23
logo
Linear Technology
LTC1516 LINER-LTC1516_15 Datasheet
92Kb / 8P
Micropower, Regulated 5V Charge Pump DC/DC Converter
LTC1522 LINER-LTC1522_15 Datasheet
210Kb / 8P
Micropower, Regulated 5V Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com