Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6845G Datasheet(PDF) 8 Page - Silicon Standard Corp.

Part # SS6845G
Description  Regulated 5V Charge Pump
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6845G Datasheet(HTML) 8 Page - Silicon Standard Corp.

Back Button SS6845G Datasheet HTML 4Page - Silicon Standard Corp. SS6845G Datasheet HTML 5Page - Silicon Standard Corp. SS6845G Datasheet HTML 6Page - Silicon Standard Corp. SS6845G Datasheet HTML 7Page - Silicon Standard Corp. SS6845G Datasheet HTML 8Page - Silicon Standard Corp. SS6845G Datasheet HTML 9Page - Silicon Standard Corp. SS6845G Datasheet HTML 10Page - Silicon Standard Corp. SS6845G Datasheet HTML 11Page - Silicon Standard Corp. SS6845G Datasheet HTML 12Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
www.SiliconStandard.com
8 of 13
SS6845G
7/21/2005 Rev.3.01
APPLICATION INFORMATION
Introduction
Short Circuit/Thermal Protection
The SS6
845G is a micropower charge pump DC/DC
converter that produces a regulated 5V output
with an input voltage range from 2.7V to 5.0V. It
utilizes the charge pump topology to boost VIN to
a regulated output voltage. Regulation is obtained
by sensing the output voltage through an internal
resistor divider. A switched doubling circuit
enables the charge pump when the feedback
voltage is lower than the trip point of the internal
comparator, and vice versa. When the charge
pump is enabled, a two-phase non-overlapping
clock activates the charge pump switches. To
maximize battery life for a battery-use application,
quiescent current is limited to no more than 13
µA.
The SS6
845G includes built-in short circuit current
limiting as well as over-temperature protection.
During a short circuit condition, the output current
is automatically constrained to approximately
170mA. This short circuit current will cause a rise
in the internal IC junction temperature. When the
die temperature exceeds 150°C, the thermal
protection will shut down the charge pump switching
operation
and the die temperature will then
reduce. Once the die temperature drops below
135
°C, the charge pump switching circuit will
restart.
If the fault has not been eliminated, the
this protection mechanism will repeat again and
again, allowing the SS6845G to work continuously
in a
short circuit condition without damaging the
device.
Operation
This kind of converter uses capacitors to store
and transfer energy. Since the capacitors can’t
change their voltage level abruptly, the voltage
ratio of VOUT over VIN is limited to some range.
Capacitive voltage conversion is obtained by
switching a capacitor periodically. It first charges
the capacitor by connecting it across a voltage
source and then connects it to the output.
Referring to Fig. 19, during the on state of internal
clock, Q1 and Q4 are closed, which charges C1 to
VIN level. During the off state, Q3 and Q2 are
closed. The output voltage is VIN plus VC1, that is,
2VIN.
Shutdown
In shutdown mode, the output is disconnected
from the input. The input current is extremely low
since most of the circuitry is turned off. Due to
high impedance, the shutdown pin cannot float.
Efficiency
The diagrams,
Fig. 20 and Fig. 21 show the operation
of the charge pump in the on and off states.
R DS-ON is the resistance of the switching element
during
conduction. ESR is the equivalent series
resistance of the flying capacitor C1. ION-AVE and
IOFF-AVE are the average current during the on-state
and off-state, respectively. D is the duty-cycle, which
means the ratio of the on-state time to the total cycle
time. Let's look at capacitor C1 - assuming that
capacitor C 1, has reached its steady state, then the
amount of charge flowing into C 1 during the on-state
is equal to that flowing out of C1 during the off-state.
C1
Q1
Q3
Q2
Q4
VOUT
VIN
COUT
CIN
Fig. 19 The circuit of charge pump



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com