Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6845G Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS6845G
Description  Regulated 5V Charge Pump
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6845G Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS6845G Datasheet HTML 1Page - Silicon Standard Corp. SS6845G Datasheet HTML 2Page - Silicon Standard Corp. SS6845G Datasheet HTML 3Page - Silicon Standard Corp. SS6845G Datasheet HTML 4Page - Silicon Standard Corp. SS6845G Datasheet HTML 5Page - Silicon Standard Corp. SS6845G Datasheet HTML 6Page - Silicon Standard Corp. SS6845G Datasheet HTML 7Page - Silicon Standard Corp. SS6845G Datasheet HTML 8Page - Silicon Standard Corp. SS6845G Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.SiliconStandard.com
4 of 13
SS6845G
7/21/2005 Rev.3.01
TYPICAL PERFORMANCE CHARACTERISTICS
(CN, COUT: CELMK212BJ225MG, CFLY: CEEMK212BJ224KG)
Fig. 1 Line Regulation
2.5
3.0
3.5
4.0
4.5
5.0
4.85
4.90
4.95
5.00
5.05
5.10
5.15
IOUT=25mA
COUT=10µF
CFLY=1µF
TA =85°C
Supply Voltage (V)
TA =25°C
TA = -40°C
2.5
3.0
3.5
4.0
4.5
5.0
5
10
15
20
Fig. 2 No Load Supply Current vs. Supply Voltage
Supply Voltage (V)
IOUT=0µA
CFLY=1µF
VSHDN=VIN
TA=85°C
TA=25°C
TA=-40°C
0
20
40
60
80
100
120
140
160
4.85
4.90
4.95
5.00
5.05
5.10
5.15
Fig. 3 Load Regulation
Output Current (mA)
TA=25°C
COUT=10µF
CFLY=1µF
VIN=2.7V
VIN=3.0V
VIN=3.3V
VIN=3.6V
Fig. 4 Load Regulation
Output Current (mA)
0
10
20
30
40
50
60
70
80
90 100 110 120 130
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
VIN=3.0V
VIN=2.7V
VIN=3.6V
VIN=3.3V
TA=25°C
CFLY=0.22µF
COUT=2.2µF
Fig. 5 Efficiency
0.001
0.01
0.1
1
10
100
0
10
20
30
40
50
60
70
80
90
100
Output Current (mA)
VIN=3.3V
VIN=3.0V
VIN=3.6V
CT=25°C
CFLY=1µF
VIN=2.7V
Fig. 6 Efficiency
Output Current (mA)
0.01
0.1
1
10
100
30
40
50
60
70
80
90
100
VIN=3.6V
VIN=3.3V
VIN=3.0V
TA=25°C
CFLY=0.22µF
VIN=2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com