Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6845G Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SS6845G
Description  Regulated 5V Charge Pump
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6845G Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS6845G Datasheet HTML 1Page - Silicon Standard Corp. SS6845G Datasheet HTML 2Page - Silicon Standard Corp. SS6845G Datasheet HTML 3Page - Silicon Standard Corp. SS6845G Datasheet HTML 4Page - Silicon Standard Corp. SS6845G Datasheet HTML 5Page - Silicon Standard Corp. SS6845G Datasheet HTML 6Page - Silicon Standard Corp. SS6845G Datasheet HTML 7Page - Silicon Standard Corp. SS6845G Datasheet HTML 8Page - Silicon Standard Corp. SS6845G Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.SiliconStandard.com
5 of 13
SS6845G
7/21/2005 Rev.3.01
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Fig.7 Output Current vs. Output Ripple
0
20
40
60
80
100
120
140
0
5
10
15
20
25
30
35
40
45
50
Output Current (mA)
CFLY=1µF
VIN=3.3V
VIN=3.0V
VIN=2.7V
COUT=10µF
VIN=3.6V
Fig. 8 Output Current vs. Output Ripple
Output Current (mA)
0
20
40
60
80
100
120
140
0
25
50
75
100
125
150
175
VIN=3.3V
VIN=3.0V
VIN=2.7V
CFLY=0.22µF
VIN=3.6V
COUT=2.2µF
-60
-40
-20
0
20
40
60
80
100
120
140
400
500
600
700
800
900
1000
Fig. 9 Frequency vs. Temperature
Temperature (°C)
VIN=2.5V
-60
-40
-20
0
20
40
60
80
100
120
140
4.85
4.90
4.95
5.00
5.05
Fig. 10 Output Voltage vs. Temperature
Temperature (
°C)
VIN=3.0V
CFLY=1µF
IOUT=50mA
2.5
3.0
3.5
4.0
4.5
5.0
100
120
140
160
180
200
220
240
260
280
Fig. 11 Short-Circuit Current vs. Supply Voltage
Supply Voltage (V)
TA=25°C
CFLY=1µF
Fi
g. 12 Short-Circuit Current vs. Supply Voltage
Supply Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
100
120
140
160
180
200
220
TA=25°C
CFLY=0.22µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com