Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6845G Datasheet(PDF) 13 Page - Silicon Standard Corp.

Part # SS6845G
Description  Regulated 5V Charge Pump
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6845G Datasheet(HTML) 13 Page - Silicon Standard Corp.

Back Button SS6845G Datasheet HTML 5Page - Silicon Standard Corp. SS6845G Datasheet HTML 6Page - Silicon Standard Corp. SS6845G Datasheet HTML 7Page - Silicon Standard Corp. SS6845G Datasheet HTML 8Page - Silicon Standard Corp. SS6845G Datasheet HTML 9Page - Silicon Standard Corp. SS6845G Datasheet HTML 10Page - Silicon Standard Corp. SS6845G Datasheet HTML 11Page - Silicon Standard Corp. SS6845G Datasheet HTML 12Page - Silicon Standard Corp. SS6845G Datasheet HTML 13Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no
guarantee or warranty, express or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no
responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its
use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including
without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to
the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of
Silicon Standard Corporation or any third parties.
www.SiliconStandard.com
13 of 13
SS6845G
7/21/2005 Rev.3.01
PHYSICAL DIMENSIONS (unit: mm)
b
WITH PLATING
SEATING PLANE
GAUGE PLANE
SECTION A-A
BASE METAL
e1
D
AA
SEE VIEW B
e
0°
0.90
0.30
1.50
2.60
2.80
0.08
0.30
0.05
e
θ
L1
L
e1
c
E
E1
D
b
A2
A1
0.95 BSC
8°
0.60
1.90 BSC
0.60 REF
1.30
1.70
3.00
3.00
0.22
0.50
0.15
0.95
1.45
MIN.
S
Y
M
B
O
L
A
MAX.
SOT-23-6
MILLIMETERS
L1
L
VIEW B
PART MARKING
PART NUMBER CODE: BO50P = SS6845GG
BO50P
PACKING: Moisture sensitivity level MSL3
3000 pcs in antistatic tape on a reel packed in a moisture barrier bag (MBB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com