Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6845G Datasheet(PDF) 7 Page - Silicon Standard Corp.

Part # SS6845G
Description  Regulated 5V Charge Pump
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6845G Datasheet(HTML) 7 Page - Silicon Standard Corp.

Back Button SS6845G Datasheet HTML 3Page - Silicon Standard Corp. SS6845G Datasheet HTML 4Page - Silicon Standard Corp. SS6845G Datasheet HTML 5Page - Silicon Standard Corp. SS6845G Datasheet HTML 6Page - Silicon Standard Corp. SS6845G Datasheet HTML 7Page - Silicon Standard Corp. SS6845G Datasheet HTML 8Page - Silicon Standard Corp. SS6845G Datasheet HTML 9Page - Silicon Standard Corp. SS6845G Datasheet HTML 10Page - Silicon Standard Corp. SS6845G Datasheet HTML 11Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
www.SiliconStandard.com
7 of 13
SS6845G
7/21/2005 Rev.3.01
BLOCK DIAGRAM
COMP
VREF
SHDN
COUT
2.2
µF
VOUT
Control
CFLY
CIN
2.2
µF
1
2
1
2
VIN
C+
C-
0.22
µF
PIN DESCRIPTIONS
PIN 1:VOUT - Regulated output voltage. For the
best performance, VOUT should be
bypassed with a 2.2
µF (min) low
ESR capacitor with the shortest
possible leads.
PIN 2: GND - Ground. Should be tied to a
ground plane for best performance.
PIN 3: SHDN - Active-low shutdown input. A low
voltage on SHDN disables the
SS6845G. SHDN
is not allowed to
float.
PIN 4: C-
- Flying capacitor negative terminal.
PIN 5: VIN - Input supply voltage. VIN should
be bypassed with a 2.2
µF (min)
low ESR capacitor.
PIN 6: C+
- Flying capacitor positive terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com