Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8017TR Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS8017TR
Description  Two Remote Temperature Sensors with SMBus Serial Interface and System Reset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8017TR Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS8017TR Datasheet HTML 1Page - Silicon Standard Corp. SS8017TR Datasheet HTML 2Page - Silicon Standard Corp. SS8017TR Datasheet HTML 3Page - Silicon Standard Corp. SS8017TR Datasheet HTML 4Page - Silicon Standard Corp. SS8017TR Datasheet HTML 5Page - Silicon Standard Corp. SS8017TR Datasheet HTML 6Page - Silicon Standard Corp. SS8017TR Datasheet HTML 7Page - Silicon Standard Corp. SS8017TR Datasheet HTML 8Page - Silicon Standard Corp. SS8017TR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.SiliconStandard.com
2 of 16
The SS8017 also contains a microprocessor (µP)su-
pervisory circuit used to monitor the power supplies in
µP and digital systems. This provides excellent circuit
reliability and low cost by eliminating external compo-
nents and adjustments when used with 5V-powered
circuits. This circuit asserts a reset signal whenever
the VCC supply voltage declines below a preset thresh-
old, keeping it asserted for at least 140ms after VCC
has risen above the reset threshold. The SS8017 has
an active-low RESET output. The reset comparator is
designed to ignore fast transients on VCC. Reset
threshold of this circuit is set to 4.38V.
When the temperature of DX1 reaches or exceeds the
Tcrit1 (SMBus 35h) threshold consecutively for the
number of times equal to the number of faults of the
FQ_TH_SHUT registers, TH_SHUT pin becomes logic
high. The same mechanism is duplicated for DX2.
Therefore, if either DX1 or DX2 continuously exceeds
their respective Tcrit, the TH_SHUT will assert logic
high to indicate a thermal shutdown event.
The SS8017’s SMBus device address is fixed to be
7Ah for write and 7Bh for read.
The SS8017 is available in a small, 16-pin SSOP sur-
face-mount package.
Typical Operating Circuit
INTERRUPT TO µC
Vcc
DXP1
DXN
DXP2
RESET
GND
2200pF
2200pF
2N3904
2N3904
10k EACH
SMBCLK
SMBDATA
TH_SHUT
SMBCLK
SMBDATA
ALERT
0.1µF
RESET
µP
0.1µF
Vcc
INTERRUPT TO µC
Vcc
DXP1
DXN
DXP2
RESET
GND
2200pF
2200pF
2N3904
2N3904
10k EACH
SMBCLK
SMBDATA
TH_SHUT
SMBCLK
SMBDATA
ALERT
0.1µF
SS8017
RESET
µP
0.1µF
Vcc
SS8017
Rev.2.01 6/06/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com