Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8017TR Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS8017TR
Description  Two Remote Temperature Sensors with SMBus Serial Interface and System Reset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8017TR Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS8017TR Datasheet HTML 1Page - Silicon Standard Corp. SS8017TR Datasheet HTML 2Page - Silicon Standard Corp. SS8017TR Datasheet HTML 3Page - Silicon Standard Corp. SS8017TR Datasheet HTML 4Page - Silicon Standard Corp. SS8017TR Datasheet HTML 5Page - Silicon Standard Corp. SS8017TR Datasheet HTML 6Page - Silicon Standard Corp. SS8017TR Datasheet HTML 7Page - Silicon Standard Corp. SS8017TR Datasheet HTML 8Page - Silicon Standard Corp. SS8017TR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.SiliconStandard.com
4 of 16
SS8017
Electrical Characteristics (cont.)
Rev.2.01 6/06/2003
SMBus Interface
Logic Input High Voltage
SMBCLK, SMBDATA; Vcc = 4.5V to 5.5V
2.4
V
Logic Input Low Voltage
SMBCLK, SMBDATA; Vcc = 4.5V to 5.5V
0.8
V
Logic Output Low Sink Current
, SMBDATA forced to 0.4V
6
mA
Output High Leakage Current
forced to 5.5V
1
µA
Logic Input Current
Logic inputs forced to Vcc or GND
-2
2
µA
SMBus Input Capacitance
SMBCLK, SMBDATA
5
pF
SMBus Clock Frequency
(Note 4)
DC
100
KHz
SMBCLK Clock Low Time
tLOW , 10% to 10% points
4.7
µs
SMBCLK Clock High Time
tHIGH , 90% to 90% points
4
µs
SMBus Start-Condition Setup Time
4.7
µs
SMBus Repeated Start-Condition Setup Time
tSU : STA , 90% to 90% points
500
ns
SMBus Start-Condition Hold Time
tHD: STA , 10% of SMBDATA to 90% of SMBCLK
4
µs
SMBus Start-Condition Setup Time
tSD: STO , 90% of SMBDATA to 10% of SMBDATA
4
µs
SMBus Data Valid to SMBCLK Rising-Edge
Time
tSU: DAT , 10% or 90% of SMBDATA to 10% of SMBCLK
800
ns
SMBus Data-Hold Time
tHD : DAT(Note 5)
0
µs
SMBCLK Falling Edge to SMBus Data-Valid
Time
Master clocking in data
1
µs
(VCC =full range, TA= 60°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Reset Threshold
VTH
4.2
4.4
4.5
V
Reset Active Timeout Period
340
ms
Output Voltage Low
VOL
VCC=VTH min ISINK =3.2mA
0.4
V
RESET Output Voltage High
VOH
VCC>VTH max, ISOURCE =5.0mA
VCC-1.5
V
Note 1: Guaranteed but not 100% tested.
Note 2: Quantization error is not included in specifications for temperature accuracy. For example if the SS8017
device temperature is exactly +66.7°C, or +68°C (due to the quantization error plus the +1/2°C offset
used for rounding up) and still be within the guaranteed ±3°C error limits for the +60°C to +100°C tem-
perature range. See Table3.
Note 3: A remote diode is any diode-connected transistor from Table1. TR is the junction temperature of the
remote diode. See Remote Diode Selection for remote diode forward voltage requirements.
Note 4: The SMBus logic block is a static design that works with clock frequencies down to DC. While slow
operation is possible, it violates the 10kHz minimum clock frequency and SMBus specifications, and
may monopolize the bus.
Note 5: Note that a transition must internally provide at least a hold time in order to bridge the undefined region
(300ns max) of SMBCLK's falling edge.
(VCC = + 3.3V, TA = 0°C to +85°C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN TYP MAX UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com