Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8017TR Datasheet(PDF) 8 Page - Silicon Standard Corp.

Part # SS8017TR
Description  Two Remote Temperature Sensors with SMBus Serial Interface and System Reset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8017TR Datasheet(HTML) 8 Page - Silicon Standard Corp.

Back Button SS8017TR Datasheet HTML 4Page - Silicon Standard Corp. SS8017TR Datasheet HTML 5Page - Silicon Standard Corp. SS8017TR Datasheet HTML 6Page - Silicon Standard Corp. SS8017TR Datasheet HTML 7Page - Silicon Standard Corp. SS8017TR Datasheet HTML 8Page - Silicon Standard Corp. SS8017TR Datasheet HTML 9Page - Silicon Standard Corp. SS8017TR Datasheet HTML 10Page - Silicon Standard Corp. SS8017TR Datasheet HTML 11Page - Silicon Standard Corp. SS8017TR Datasheet HTML 12Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
www.SiliconStandard.com
8 of 16
In this way, most parasitic thermocouple errors are
swamped out.
Use wide traces. Narrow ones are more inductive and
tend to pick up radiated noise. The 10 mil widths and
spacing recommended on Figure 2 aren't absolutely
necessary (as they offer only a minor improvement in
leakage and noise), but try to use them where practi-
cal.
Keep in mind that copper can't be used as an EMI
shield, and only ferrous materials such as steelwork
will. Placing a copper ground plane between the DXP -
DXN traces and traces carrying high-frequency noise
signals do not help reduce EMI.
PC Board Layout Checklist
n Place the 8017 close to a remote diode.
n Keep traces away from high voltages (+12V bus).
n Keep traces away from fast data buses and CRTs.
n Use recommended trace widths and spacing.
n Place a ground plane under the traces
n Use guard traces flanking DXP and DXN and con-
necting to GND.
n Route two DXPx-DXN pairs independently
n Connect the common DXN as close as possible to
the DXN pin on IC.
n Place the noise filter and the 0.1µF Vcc bypass
capacitors close to the 8017.
Fig 2(a) Connect the common DXN as close as
possible to the DXN pin on IC.
Twisted Pair and Shielded Cables
For remote-sensor distances longer than 8 in., or in
particularly noisy environments, a twisted pair is rec-
ommended. Its practical length is 6 feet to 12 feet (typi-
cal) before noise becomes a problem, as tested in a
noisy electronics laboratory. For longer distances, the
best solution is a shielded twisted pair like that used
for audio microphones. Connect the twisted pair to
DXP and DXN and the shield to GND, and leave the
shield's remote end unterminated.
Excess capacitance at DX_ limits practical remote sen-
sor distances (see Typical Operating Characteristics),
For very long cable runs, the cable's parasitic capaci-
tance often provides noise filtering, so the 2200pF ca-
pacitor can often be removed or reduced in value. Ca-
ble resistance also affects remote-sensor accuracy;
1
Ω series resistance introduces about + 1°C error.
Low-Power Standby Mode
Standby mode disables the ADC and reduces the sup-
ply-current drain to less than 10µA. Enter standby
mode via the RUN/STOP bit in the configuration byte
register. In standby mode, all data is retained in mem-
ory, and the SMB interface is alive and listening for
reads and writes. This is valid for temperature sensor
only.
Standby mode is not a shutdown mode. With activity
on the SMBus, extra supply current is drawn (see
Typical Operating Characteristics). In software standby
mode, the 8017 can be forced to perform temperature
measurement via the one-shot command, despite the
RUN/STOP bit being high.
Supply-current drain during the 125ms conversion pe-
riod is always about 500µA. Slowing down the conver-
sion rate reduces the average supply current (see
Typical Operating Characteristics). In between conver-
sions, the instantaneous supply current is about
200µA due to the current consumed by the system
resetting circuit.
Reset Immunity Negative-Going VCC Transients
In addition to issuing a reset to the microprocessor (µP)
during power-up, power-down, and brownout conditions,
the 8017 is relatively immune to short duration nega-
tive-going VCC transients (glitches).
Typically, for the 8017, a V CC transient that goes
100mV below the reset threshold and lasts 20µs or
less will not cause a reset pulse. A 0.1µF bypass ca-
pacitor mounted as close as possible to the VCC pin
provides additional transient immunity.
DXP1
DXN
DXN
DXP2
DXP1
DXN
DXP2
GND
Chip Boundary
GND
DXP1
DXN
DXN
DXP2
DXP1
DXN
SS8017
DXP2
GND
Chip Boundary
GND
GND
DXP
DXN
GND
10 MILS
MINIMUM
10 MILS
10 MILS
10 MILS
GND
GND
DXP
DXP
DXN
DXN
GND
GND
10 MILS
MINIMUM
10 MILS
10 MILS
10 MILS
Fig 2 (b) Recommended DXP/DXN PC
SS8017
Rev.2.01 6/06/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com