Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8017TR Datasheet(PDF) 9 Page - Silicon Standard Corp.

Part # SS8017TR
Description  Two Remote Temperature Sensors with SMBus Serial Interface and System Reset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8017TR Datasheet(HTML) 9 Page - Silicon Standard Corp.

Back Button SS8017TR Datasheet HTML 5Page - Silicon Standard Corp. SS8017TR Datasheet HTML 6Page - Silicon Standard Corp. SS8017TR Datasheet HTML 7Page - Silicon Standard Corp. SS8017TR Datasheet HTML 8Page - Silicon Standard Corp. SS8017TR Datasheet HTML 9Page - Silicon Standard Corp. SS8017TR Datasheet HTML 10Page - Silicon Standard Corp. SS8017TR Datasheet HTML 11Page - Silicon Standard Corp. SS8017TR Datasheet HTML 12Page - Silicon Standard Corp. SS8017TR Datasheet HTML 13Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
www.SiliconStandard.com
9 of 16
SS8017
Rev.2.01 6/06/2003
Ensuring a Valid Reset Output Down to VCC = 0V
When VCC falls below 1V, the SS8017 RESET out-
put no longer sinks current-it becomes an open cir-
cuit. Therefore, high-impedance CMOS logic inputs
connected to RESET can drift to undetermined volt-
ages.
This presents no problem in most applications, since
most µP and other circuitry is inoperative with VCC
below 1V. However, in applications where RESET
must be valid down to 0V, adding a pull-down resistor
to RESET causes any stray leakage currents to flow
to ground, holding RESET low (Figure 3). R1's value
is not critical; 100k
Ω is large enough not to load
RESET
and small enough to pull RESET to ground.
Interfacing to µPs with Bi-directional Reset Pins
A µP with bi-directional reset pins (such as the Mo-
torola 68HC11 series) can connect to the SS8017
reset
output.
If,
for
example,
the
SS8017
RESET
output is asserted high and the µP wants to
pull it low, indeterminate logic levels may result. To
correct this, connect a 4.7k
Ω resistor between the
SS8017 RESET output and the µP reset I/O (Figure
4). Buffer the SS8017 RESET output to other sys-
tem components.
Benefits of Highly Accurate Reset Threshold
Most µP supervisor Ics have reset threshold voltages
between 5% and 10% below the value of nominal
supply voltages. This ensures a reset will not occur
within 5% of the nominal supply, but will occur when
the supply is 10% below nominal.
When using ICs rated at only the nominal supply
±5% this leaves a zone of uncertainty where the sup-
ply is between 5% and 10% low, and where the reset
may or may not be asserted.
The SS8017 uses highly accurate circuitry to en-
sure that reset is asserted close to the 5% limit,
and long before the supply has declined to 10%
below nominal.
SMBus Digital Interface
From a software perspective, the SS8017 appears as
a set of byte-wide registers that contain temperature
data, alarm threshold values, fan speed data, or con-
trol bits, A standard SMBus 2-wire serial interface is
used to read temperature data and write control bits
and alarm threshold data. Each A/D and fan control
channel within the device responds to the same
SMBus slave address for normal reads and writes.
The SS8017 employs four standard SMBus protocols:
Write Byte, Read Byte, Send Byte, and Receive
Byte (Figure 5). The shorter Receive Byte protocol
allows quicker transfers, provided that the correct
data register was previously selected by a Read Byte
instruction. Use caution with the shorter protocols in
multi-master systems, since a second master could
over-write the command byte without informing the
first master.
The temperature data format is 7bits plus sign in
twos-complement form for each channel, with each
data bit representing 1°C (Table3), transmitted MSB
first. Measurements are offset by +1/2°C to minimize
internal rounding errors; for example, +99.6°C is re-
ported as +100°C.
Fig 4. Interfacing to µPs with Bi-directional Reset
I/O
Fig 3. RESET Valid to VCC = Ground Circuit
V
CC
RESET
GND
R1
100k
V
CC
SS8017
RESET
GND
R1
100k
V
CC
RESET
GND
BUFFER
RESET
GND
V
CC
µP
4.7k
BUFFERED RESET
TO OTHER SYSTEM
COMPONENTS
V
CC
SS8017
RESET
GND
BUFFER
RESET
GND
V
CC
µP
4.7k
BUFFERED RESET
TO OTHER SYSTEM
COMPONENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com