Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8017TR Datasheet(PDF) 11 Page - Silicon Standard Corp.

Part # SS8017TR
Description  Two Remote Temperature Sensors with SMBus Serial Interface and System Reset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8017TR Datasheet(HTML) 11 Page - Silicon Standard Corp.

Back Button SS8017TR Datasheet HTML 7Page - Silicon Standard Corp. SS8017TR Datasheet HTML 8Page - Silicon Standard Corp. SS8017TR Datasheet HTML 9Page - Silicon Standard Corp. SS8017TR Datasheet HTML 10Page - Silicon Standard Corp. SS8017TR Datasheet HTML 11Page - Silicon Standard Corp. SS8017TR Datasheet HTML 12Page - Silicon Standard Corp. SS8017TR Datasheet HTML 13Page - Silicon Standard Corp. SS8017TR Datasheet HTML 14Page - Silicon Standard Corp. SS8017TR Datasheet HTML 15Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
www.SiliconStandard.com
11 of 16
SS8017
Rev.2.01 6/06/2003
Table 3. Data Format (Twos-Complement)
DIGITAL OUTPUT
DATA BITS
TEMP.
(
°C)
ROUND
TEMP.
(
°C)
SIGN
MSB
LSB
+130.00
+127
0
111
1111
+127.00
+127
0
111
1111
+126.50
+127
0
111
1111
+126.00
+126
0
111
1110
+25.25
+25
0
001
1001
+0.50
+1
0
000
0001
+0.25
+0
0
000
0000
+0.00
+0
0
000
0000
-0.25
+0
0
000
0000
-0.50
+0
0
000
0000
-0.75
-1
1
111
1111
-1.00
-1
1
111
1111
-25.00
-25
1
110
0111
-25.50
-25
1
110
0110
-54.75
-55
1
100
1001
-55.00
-55
1
100
1001
-65.00
-65
1
011
1111
-70.00
-65
1
011
1111
Alarm Threshold Registers
Four
registers
store
alarm
threshold
data,
with
high-temperature (THIGH) and low-temperature (TLOW)
registers for each A/D channel. If either measured tem-
perature equals or exceeds the corresponding alarm
threshold value, an ALERT interrupt is asserted.
The power-on-reset (POR) state of both THIGH regis-
ters is full scale (0111 1111, or +127°C). The POR
state of both TLOW registers is 1100 1001 or -55°C.
Diode Fault Alarm
There is a continuity fault detector at DXP that detects
whether the remote diode has an open-circuit condition.
At the beginning of each conversion, the diode fault is
checked, and the status byte is updated. This fault
detector is a simple voltage detector; if DXP rises abo-
ve VCC - 1V (typical) due to the diode current source, a
fault is detected. Note that the diode fault isn't checked
until a conversion is initiated, so immediately after
power-on reset the status byte indicates no fault is
present, even if the diode path is broken.
If the remote channel is shorted (DXP to DXN or DXP to
GND), the ADC reads 0000 0000 so as not to trip ei-
ther the THIGH or TLOW alarms at their POR settings.
In applications that are never subjected to 0°C in nor-
mal operation, a 0000 0000 result can be checked to
indicate a fault condition in which DXP is accidentally
short circuited. Similarly, if DXP is short circuited to
VCC, the ADC reads +127°C for both channels, and the
device alarms.
ALERT
Interrupts
The ALERT interrupt output signal is latched and can
only be cleared by reading the Alert Response address.
Interrupts are generated in response to THIGH and
TLOW comparisons and when the remote diode is dis-
connected (for continuity fault detection). The interrupt
does not halt automatic conversions; new temperature
data continues to be available over the SMBus inter-
face after ALERT is asserted. The interrupt output pin
is open-drain so that device can share a common in-
terrupt line. The interrupt rate can never exceed the
conversion rate.
The interface responds to the SMBus Alert Response
address, an interrupt pointer return-address feature
(see Alert Response Address section). Prior to taking
corrective action, always check to ensure that an in-
terrupt is valid by reading the current temperature.
Alert Response Address
The SMBus Alert Response interrupt pointer provides
quick fault identification for simple slave devices that
lack the complex, expensive logic needed to be a bus
master. Upon receiving an ALERT interrupt signal, the
host master can broadcast a Receive Byte transmis-
sion to the Alert Response slave address (0001 100).
Then any slave device that generated an interrupt at-
tempts to identify itself by putting its own address on
the bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com