Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8017TR Datasheet(PDF) 6 Page - Silicon Standard Corp.

Part # SS8017TR
Description  Two Remote Temperature Sensors with SMBus Serial Interface and System Reset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8017TR Datasheet(HTML) 6 Page - Silicon Standard Corp.

Back Button SS8017TR Datasheet HTML 2Page - Silicon Standard Corp. SS8017TR Datasheet HTML 3Page - Silicon Standard Corp. SS8017TR Datasheet HTML 4Page - Silicon Standard Corp. SS8017TR Datasheet HTML 5Page - Silicon Standard Corp. SS8017TR Datasheet HTML 6Page - Silicon Standard Corp. SS8017TR Datasheet HTML 7Page - Silicon Standard Corp. SS8017TR Datasheet HTML 8Page - Silicon Standard Corp. SS8017TR Datasheet HTML 9Page - Silicon Standard Corp. SS8017TR Datasheet HTML 10Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
www.SiliconStandard.com
6 of 16
Block Diagram
THERMAL SHUTDOWN
LOGIC
CONTROL
LOGIC
SMBUS
REGISTERS
MUX
ADC
RESET
CIRCUIT
TH_SHUT
SMBCLK
SMBDATA
ALERT
RESET
VCC
+
+
DXP1
DXN
+
INTERNAL GROUND
V
CC
DXP2
THERMAL SHUTDOWN
LOGIC
CONTROL
LOGIC
SMBUS
REGISTERS
MUX
ADC
RESET
CIRCUIT
TH_SHUT
SMBCLK
SMBDATA
ALERT
RESET
VCC
+
+
DXP1
DXN
+
INTERNAL GROUND
The SS8017 consists of two temperature sensors, one
on-chip temperature sensor and includes a system-reset
function.
The temperature sensor is designed to work in con-
junction with an external micro-controller (µC) or other
intelligence in thermostatic, process-control, or moni-
toring applications. The µC is typically a powerman-
agement or keyboard controller, generating SMBus
serial commands by "bit-banging" general-purpose in-
put-output (GPIO) pins or via a dedicated SMBus in-
terface block.
Essentially a 12-bit serial analog-to-digital converter
(ADC) with a sophisticated front end, the SS8017 con-
tains a switched current source, a multiplexer, an ADC,
an SMBus interface, a reset circuit and associated
control logic (see block diagram above).
Temperature data from the ADC is loaded into two data
registers, where it is automatically compared with data
previously stored in four over/under-temperature alarm
registers.
ADC and Multiplexer
The ADC is an averaging type that integrates over a
60ms period (each channel, typical).
The multiplexer automatically steers bias currents
through two remote diodes, measures their forward
voltages, and computes their temperatures. All chan-
nels are converted automatically once the conversion
process has started, either in free-running or sin-
gle-shot mode. If one of the two channels is not used,
the device still performs all measurements, and the
user can simply ignore the results of the unused chan-
nel. If the remote diode channel is unused, tie DXPx to
DXN rather than leaving the pins open.
The DXN input is internally connected to the ground
node inside the chip to set up the analog to digital (A/D)
inputs for a differential measurement. The worst-case
DXP-DXN differential input voltage range is 0.25V to
0.95V.
Excess resistance in series with the remote diode
causes about +1/2°C error per ohm. Likewise, 200µV
of offset voltage forced on DXP -DXN causes about 1°C
error.
Detailed Description
SS8017
Rev.2.01 6/06/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com