Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8017TR Datasheet(PDF) 13 Page - Silicon Standard Corp.

Part # SS8017TR
Description  Two Remote Temperature Sensors with SMBus Serial Interface and System Reset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8017TR Datasheet(HTML) 13 Page - Silicon Standard Corp.

Back Button SS8017TR Datasheet HTML 8Page - Silicon Standard Corp. SS8017TR Datasheet HTML 9Page - Silicon Standard Corp. SS8017TR Datasheet HTML 10Page - Silicon Standard Corp. SS8017TR Datasheet HTML 11Page - Silicon Standard Corp. SS8017TR Datasheet HTML 12Page - Silicon Standard Corp. SS8017TR Datasheet HTML 13Page - Silicon Standard Corp. SS8017TR Datasheet HTML 14Page - Silicon Standard Corp. SS8017TR Datasheet HTML 15Page - Silicon Standard Corp. SS8017TR Datasheet HTML 16Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
www.SiliconStandard.com
13 of 16
SS8017
Rev.2.01 6/06/2003
Table 5. Configuration-Byte Bit Assignments
BIT
NAME
POR STATE
FUNCTION
7 (MSB)
MASK
0
Masks all
ALERT interrupts when high.
6
RUN / STOP
0
Standby mode control bit. If high, the device immediately stops converting and enters
standby mode. If low, the device converts in either one-shot or timer mode.
5
DET_FAN
0
Should be 0. Changing this to 1 will cause
ALERT function abnormal.
4
EN_TH_SHUT
1
Validation of the fault queue function of thermal shutdown.
3-0
FQ_TH_SHUT
0010b
Fault Queue. Number of faults necessary to detect before setting TH_SHUT output to
avoid false tripping due to noise.
Table 6. Number of Faults assigned by FQ_TH_SHUT
FQ_TH_SHUT
Number of Faults
FQ_TH_SHUT
Number of Faults
0000b
1
1000b
9
0001b
2
1001b
10
0010b
3(Power-up default)
1010b
11
0011b
4
1011b
12
0100b
5
1100b
13
0101b
6
1101b
14
0110b
7
1110b
15
0111b
8
1111b
16
Table 7. Status-Byte Bit Assignments
BIT
NAME
FUNCTION
7(MSB)
BUSY
A high indicates that the ADC is busy converting.
6
RHIGH2*
A high indicates that the 2
nd diode high-temperature alarm has activated.
5
RLOW2*
A high indicates that the 2
nd diode low -temperature alarm has activated.
4
RHIGH1*
A high indicates that the 1
st diode high-temperature alarm has activated.
3
RLOW1*
A high indicates that the 1
st diode low -temperature alarm has activated.
2
OPEN*
A high indicates a remote-diode continuity (open-circuit) fault.
1
RFU
Reserved for future use (returns 0)
0(LSB)
RFU
Reserved for future use (returns 0)
*These flags stay high until cleared by POR, or until the status byte register is read.
Table 8. Conversion-Rate Control Byte
DATA
CONVERSION
RATE (Hz)
Temperature Sensor Average
Supply Current (µA TYP, at Vcc = 5V)
00h
0.0625
30
01h
0.125
33
02h
0.25
35
03h
0.5
48
04h
1
70
05h
2
128
06h
4
225
07h
8
425
08h to FFh
RFU
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com