Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8017TR Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SS8017TR
Description  Two Remote Temperature Sensors with SMBus Serial Interface and System Reset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8017TR Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS8017TR Datasheet HTML 1Page - Silicon Standard Corp. SS8017TR Datasheet HTML 2Page - Silicon Standard Corp. SS8017TR Datasheet HTML 3Page - Silicon Standard Corp. SS8017TR Datasheet HTML 4Page - Silicon Standard Corp. SS8017TR Datasheet HTML 5Page - Silicon Standard Corp. SS8017TR Datasheet HTML 6Page - Silicon Standard Corp. SS8017TR Datasheet HTML 7Page - Silicon Standard Corp. SS8017TR Datasheet HTML 8Page - Silicon Standard Corp. SS8017TR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
www.SiliconStandard.com
5 of 16
1
2
3
4
5
6
7
8
NC
Vcc
DXP1
DXN
DXP2
DGND
AGND
16
15
14
13
12
11
10
9
SMBCLK
NC
ALERT
NC
RESET
SSOP-16L
NC
TH_SHUT(push-pull)
NC
SMBDATA
1
2
3
4
5
6
7
8
NC
Vcc
DXP1
DXN
DXP2
DGND
AGND
16
15
14
13
12
11
10
9
SMBCLK
NC
ALERT
NC
RESET
SSOP-16L
NC
Pin Configuration
TH_SHUT(push-pull)
NC
SMBDATA
PIN
NAME
FUNCTION
1,6,10,13,15
NC
Not connected.
2
Vcc
Supply Voltage Input, 4.5V to 5.5V. Bypass to GND with a 0.1µF capacitor.
3
DXP1
Combined Current Source and A/D Positive Input for remote-diode channel 1. Do not leave DXP1 floating;
tie DXP1 to DXN if no remote diode on channel 1 is used. Place a 2200pF capacitor between DXP1 and
DXN for noise filtering.
4
DXN
Combined Current Sink and A/D Negative Input. DXN is common negative node of both remote diodes on
channel 1 and 2. The traces of DXP1-DXN and DXP2-DXN pairs should be routed independently. The
common DXN should be connected together as close as possible to the IC. DXN is internally connected to
the GND pin for signal ground use.
5
DXP2
Combined Current Source and A/D Positive Input for remote-diode channel 2. Do not leave DXP2 floating;
tie DXP2 to DXN if no remote diode on channel 2 is used. Place a 2200pF capacitor between DXP2 and
DXN for noise filtering.
7
DGND
Digital Ground.
8
AGND
Analog Ground.
9
RESET
RESET Output remains low while V
CC is below the reset threshold, and for 240ms after VCC rises
above the reset threshold.
11
ALERT
SMBus Alert (interrupt) Output, open drain.
12
SMBDATA
SMBus Serial-Data Input / Output, open drain.
14
SMBCLK
SMBus Serial-Clock Input.
16
TH_SHUT
Thermal Shutdown Output, push-pull output.
Pin Description
SS8017
Rev.2.01 6/06/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com