Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8017TR Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS8017TR
Description  Two Remote Temperature Sensors with SMBus Serial Interface and System Reset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8017TR Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS8017TR Datasheet HTML 1Page - Silicon Standard Corp. SS8017TR Datasheet HTML 2Page - Silicon Standard Corp. SS8017TR Datasheet HTML 3Page - Silicon Standard Corp. SS8017TR Datasheet HTML 4Page - Silicon Standard Corp. SS8017TR Datasheet HTML 5Page - Silicon Standard Corp. SS8017TR Datasheet HTML 6Page - Silicon Standard Corp. SS8017TR Datasheet HTML 7Page - Silicon Standard Corp. SS8017TR Datasheet HTML 8Page - Silicon Standard Corp. SS8017TR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.SiliconStandard.com
1 of 16
Two Remote Temperature Sensors with
SMBus Serial Interface and System Reset
Features
Description
Two channels: measures both remote and local
temperatures
No calibration required
SMBus 2-wire serial interface
Programmable under/over-temperature alarms
SMBus alert response supported
Accuracy:
±1°C (+60°C to +100°C, remote)
±3°C (+60°C to + 100°C, local)
Average supply current during conversion of
320µA (typ)
Supply range of +3V to +5.5V
Small 8-lead SO package
Applications
Desktop and Notebook
Central Office
Computers
Telecom Equipment
Smart Battery Packs
Test and Measurement
LAN Servers
Multi-Chip Modules
Industrial Controllers
Packing type
TR: Tape and reel
SS8017XX
Example: SS8017TR
à SS8017 shipped in tape and reel
Ordering Information
The SS8017 contains a precise digital thermometer, a
system-reset circuit, and a programmable thermal
shutdown signal.
The thermometer reports the temperature of two re-
mote
sensors.
The
remote
sensors
are
di-
ode-connected transistors, typically a low-cost, easily
mounted 2N3904 NPN type which replaces conven-
tional thermistors or thermocouples. Remote accuracy
is ±5°C for multiple transistor manufacturers, with no
calibration needed. The remote channel can also
measure the die temperature of other ICs, such as mi-
croprocessors,
that
contain
an
on-chip,
di-
ode-connected transistor.
The 2-wire serial interface accepts standard System
Management Bus (SMBus
TM) Write Byte, Read Byte,
Send Byte, and Receive Byte commands to program
the alarm thresholds and to read temperature data. The
data format is 7 bits plus sign, with each bit corre-
sponding to 1°C, in two’s-complement format. Meas-
urements can be done automatically and autono-
mously, with the conversion rate programmed by the
user or programmed to operate in a single-shot mode.
The adjustable rate allows the user to control the
supply-current drain.
SS8017
Rev.2.01 6/06/2003


Similar Part No. - SS8017TR

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8012G SSC-SS8012G Datasheet
720Kb / 6P
Rail-to-Rail I/O Op. Amp.
SS8012GTR SSC-SS8012GTR Datasheet
720Kb / 6P
Rail-to-Rail I/O Op. Amp.
SS8014 SSC-SS8014 Datasheet
291Kb / 10P
300mA Low-Noise LDO Regulators
SS8014-15GTR SSC-SS8014-15GTR Datasheet
291Kb / 10P
300mA Low-Noise LDO Regulators
SS8014-18GTR SSC-SS8014-18GTR Datasheet
291Kb / 10P
300mA Low-Noise LDO Regulators
More results

Similar Description - SS8017TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1618 MAXIM-MAX1618 Datasheet
430Kb / 20P
Remote Temperature Sensor with SMBus Serial Interface
19-1495; Rev 1; 10/99
logo
List of Unclassifed Man...
G768B ETC-G768B Datasheet
370Kb / 15P
Remote/Local Temperature Sensor, 2 Fan Controllers with SMBus Serial Interface and System Reset Circuit
logo
Global Mixed-mode Techn...
G771 GMT-G771 Datasheet
268Kb / 15P
Two Remote Temperature Sensors with SMBus Serial Interface and System Reset Circuit
logo
List of Unclassifed Man...
G766 ETC1-G766 Datasheet
248Kb / 13P
Remote Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX6695 MAXIM-MAX6695 Datasheet
192Kb / 20P
Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 1; 5/04
logo
Global Mixed-mode Techn...
G768D GMT-G768D Datasheet
343Kb / 16P
Two Remote Temperature Sensors and One Fan Controller with SMBus Serial Interface and System Reset Circuit
logo
Maxim Integrated Produc...
MAX6695 MAXIM-MAX6695_11 Datasheet
299Kb / 19P
Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 3; 4/11
logo
Global Mixed-mode Techn...
G788 GMT-G788 Datasheet
45Kb / 1P
Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
G7923 GMT-G7923 Datasheet
34Kb / 2P
Three Remote Temperature Sensors and One Fan Controllers with SMBus Serial Interface and System Reset Circuit
G7921 GMT-G7921 Datasheet
157Kb / 1P
Three Remote Temperature Sensors and One Fan Controllers with SMBus Serial Interface and System Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com