Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 102 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 102 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 98Page - Texas Instruments AM1808AZCED3 Datasheet HTML 99Page - Texas Instruments AM1808AZCED3 Datasheet HTML 100Page - Texas Instruments AM1808AZCED3 Datasheet HTML 101Page - Texas Instruments AM1808AZCED3 Datasheet HTML 102Page - Texas Instruments AM1808AZCED3 Datasheet HTML 103Page - Texas Instruments AM1808AZCED3 Datasheet HTML 104Page - Texas Instruments AM1808AZCED3 Datasheet HTML 105Page - Texas Instruments AM1808AZCED3 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 264 page
background image
AM1808
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
Table 6-21. Timing Requirements for EMIFA Asynchronous Memory Interface (1)
1.3V, 1.2V
1.1V
1.0V
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
READS and WRITES
E
tc(CLK)
Cycle time, EMIFA module clock
10
15
20
ns
2
tw(EM_WAIT)
Pulse duration, EM_WAIT assertion and deassertion
2E
2E
2E
ns
READS
12
tsu(EMDV-EMOEH)
Setup time, EM_D[15:0] valid before EM_OE high
3
5
7
ns
13
th(EMOEH-EMDIV)
Hold time, EM_D[15:0] valid after EM_OE high
0
0
0
ns
Setup Time, EM_WAIT asserted before end of Strobe
14
tsu (EMOEL-EMWAIT)
4E+3
4E+3
4E+3
ns
Phase(2)
WRITES
Setup Time, EM_WAIT asserted before end of Strobe
28
tsu (EMWEL-EMWAIT)
4E+3
4E+3
4E+3
ns
Phase(2)
(1)
E = EMA_CLK period or in ns. EMA_CLK is selected either as SYSCLK3 or the PLL0 output clock divided by 4.5. As an example, when
SYSCLK3 is selected and set to 100MHz, E=10ns
(2)
Setup before end of STROBE phase (if no extended wait states are inserted) by which EM_WAIT must be asserted to add extended
wait states. Figure 6-14 and Figure 6-15 describe EMIF transactions that include extended wait states inserted during the STROBE
phase. However, cycles inserted as part of this extended wait period should not be counted; the 4E requirement is to the start of where
the HOLD phase would begin if there were no extended wait cycles.
Table 6-22. Switching Characteristics for EMIFA Asynchronous Memory Interface (1) (2) (3)
1.3V, 1.2V, 1.1V, 1.0V
NO
PARAMETER
UNIT
.
MIN
Nom
MAX
READS and WRITES
1
td(TURNAROUND)
Turn around time
(TA)*E - 3
(TA)*E
(TA)*E + 3
ns
READS
(RS+RST+RH)*E
(RS+RST+RH)*E
EMIF read cycle time (EW = 0)
(RS+RST+RH)*E
ns
- 3
+ 3
3
tc(EMRCYCLE)
(RS+RST+RH+(E
(RS+RST+RH+(EW (RS+RST+RH+(E
EMIF read cycle time (EW = 1)
ns
WC*16))*E - 3
C*16))*E
WC*16))*E + 3
Output setup time, EMA_CE[5:2] low to
(RS)*E-3
(RS)*E
(RS)*E+3
ns
EMA_OE low (SS = 0)
4
tsu(EMCEL-EMOEL)
Output setup time, EMA_CE[5:2] low to
-3
0
+3
ns
EMA_OE low (SS = 1)
Output hold time, EMA_OE high to
(RH)*E - 3
(RH)*E
(RH)*E + 3
ns
EMA_CE[5:2] high (SS = 0)
5
th(EMOEH-EMCEH)
Output hold time, EMA_OE high to
-3
0
+3
ns
EMA_CE[5:2] high (SS = 1)
Output setup time, EMA_BA[1:0] valid to
6
tsu(EMBAV-EMOEL)
(RS)*E-3
(RS)*E
(RS)*E+3
ns
EMA_OE low
Output hold time, EMA_OE high to
7
th(EMOEH-EMBAIV)
(RH)*E-3
(RH)*E
(RH)*E+3
ns
EMA_BA[1:0] invalid
Output setup time, EMA_A[13:0] valid to
8
tsu(EMBAV-EMOEL)
(RS)*E-3
(RS)*E
(RS)*E+3
ns
EMA_OE low
Output hold time, EMA_OE high to
9
th(EMOEH-EMAIV)
(RH)*E-3
(RH)*E
(RH)*E+3
ns
EMA_A[13:0] invalid
(1)
TA = Turn around, RS = Read setup, RST = Read strobe, RH = Read hold, WS = Write setup, WST = Write strobe, WH = Write hold,
MEWC = Maximum external wait cycles. These parameters are programmed via the Asynchronous Bank and Asynchronous Wait Cycle
Configuration Registers. These support the following range of values: TA[4-1], RS[16-1], RST[64-1], RH[8-1], WS[16-1], WST[64-1],
WH[8-1], and MEW[1-256].
(2)
E = EMA_CLK period or in ns. EMA_CLK is selected either as SYSCLK3 or the PLL0 output clock divided by 4.5. As an example, when
SYSCLK3 is selected and set to 100MHz, E=10ns.
(3)
EWC = external wait cycles determined by EMA_WAIT input signal. EWC supports the following range of values EWC[256-1]. Note that
the maximum wait time before timeout is specified by bit field MEWC in the Asynchronous Wait Cycle Configuration Register.
102
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com