Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 103 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 103 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 99Page - Texas Instruments AM1808AZCED3 Datasheet HTML 100Page - Texas Instruments AM1808AZCED3 Datasheet HTML 101Page - Texas Instruments AM1808AZCED3 Datasheet HTML 102Page - Texas Instruments AM1808AZCED3 Datasheet HTML 103Page - Texas Instruments AM1808AZCED3 Datasheet HTML 104Page - Texas Instruments AM1808AZCED3 Datasheet HTML 105Page - Texas Instruments AM1808AZCED3 Datasheet HTML 106Page - Texas Instruments AM1808AZCED3 Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 264 page
background image
AM1808
www.ti.com
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
Table 6-22. Switching Characteristics for EMIFA Asynchronous Memory Interface (1) (2) (3) (continued)
1.3V, 1.2V, 1.1V, 1.0V
NO
PARAMETER
UNIT
.
MIN
Nom
MAX
EMA_OE active low width (EW = 0)
(RST)*E-3
(RST)*E
(RST)*E+3
ns
10
tw(EMOEL)
(RST+(EWC*16))
(RST+(EWC*16))
EMA_OE active low width (EW = 1)
(RST+(EWC*16))*E
ns
*E-3
*E+3
td(EMWAITH-
Delay time from EMA_WAIT deasserted to
11
3E-3
4E
4E+3
ns
EMOEH)
EMA_OE high
WRITES
(WS+WST+WH)*
(WS+WST+WH)*
EMIF write cycle time (EW = 0)
(WS+WST+WH)*E
ns
E-3
E+3
15
tc(EMWCYCLE)
(WS+WST+WH+(
(WS+WST+WH+(E (WS+WST+WH+(
EMIF write cycle time (EW = 1)
ns
EWC*16))*E - 3
WC*16))*E
EWC*16))*E + 3
Output setup time, EMA_CE[5:2] low to
(WS)*E - 3
(WS)*E
(WS)*E + 3
ns
EMA_WE low (SS = 0)
16
tsu(EMCEL-EMWEL)
Output setup time, EMA_CE[5:2] low to
-3
0
+3
ns
EMA_WE low (SS = 1)
Output hold time, EMA_WE high to
(WH)*E-3
(WH)*E
(WH)*E+3
ns
EMA_CE[5:2] high (SS = 0)
17
th(EMWEH-EMCEH)
Output hold time, EMA_WE high to
-3
0
+3
ns
EMA_CE[5:2] high (SS = 1)
tsu(EMDQMV-
Output setup time, EMA_BA[1:0] valid to
18
(WS)*E-3
(WS)*E
(WS)*E+3
ns
EMWEL)
EMA_WE low
th(EMWEH-
Output hold time, EMA_WE high to
19
(WH)*E-3
(WH)*E
(WH)*E+3
ns
EMDQMIV)
EMA_BA[1:0] invalid
Output setup time, EMA_BA[1:0] valid to
20
tsu(EMBAV-EMWEL)
(WS)*E-3
(WS)*E
(WS)*E+3
ns
EMA_WE low
Output hold time, EMA_WE high to
21
th(EMWEH-EMBAIV)
(WH)*E-3
(WH)*E
(WH)*E+3
ns
EMA_BA[1:0] invalid
Output setup time, EMA_A[13:0] valid to
22
tsu(EMAV-EMWEL)
(WS)*E-3
(WS)*E
(WS)*E+3
ns
EMA_WE low
Output hold time, EMA_WE high to
23
th(EMWEH-EMAIV)
(WH)*E-3
(WH)*E
(WH)*E+3
ns
EMA_A[13:0] invalid
EMA_WE active low width (EW = 0)
(WST)*E-3
(WST)*E
(WST)*E+3
ns
24
tw(EMWEL)
(WST+(EWC*16))
(WST+(EWC*16))
EMA_WE active low width (EW = 1)
(WST+(EWC*16))*E
ns
*E-3
*E+3
td(EMWAITH-
Delay time from EMA_WAIT deasserted to
25
3E-3
4E
4E+3
ns
EMWEH)
EMA_WE high
Output setup time, EMA_D[15:0] valid to
26
tsu(EMDV-EMWEL)
(WS)*E-3
(WS)*E
(WS)*E+3
ns
EMA_WE low
Output hold time, EMA_WE high to
27
th(EMWEH-EMDIV)
(WH)*E-3
(WH)*E
(WH)*E+3
ns
EMA_D[15:0] invalid
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
103
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com