Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 140 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 140 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 136Page - Texas Instruments AM1808AZCED3 Datasheet HTML 137Page - Texas Instruments AM1808AZCED3 Datasheet HTML 138Page - Texas Instruments AM1808AZCED3 Datasheet HTML 139Page - Texas Instruments AM1808AZCED3 Datasheet HTML 140Page - Texas Instruments AM1808AZCED3 Datasheet HTML 141Page - Texas Instruments AM1808AZCED3 Datasheet HTML 142Page - Texas Instruments AM1808AZCED3 Datasheet HTML 143Page - Texas Instruments AM1808AZCED3 Datasheet HTML 144Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 264 page
background image
AM1808
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
6.16 Multichannel Buffered Serial Port (McBSP)
The McBSP provides these functions:
•
Full-duplex communication
•
Double-buffered data registers, which allow a continuous data stream
•
Independent framing and clocking for receive and transmit
•
Direct interface to industry-standard codecs, analog interface chips (AICs), and other serially
connected analog-to-digital (A/D) and digital-to-analog (D/A) devices
•
External shift clock or an internal, programmable frequency shift clock for data transfer
•
Transmit & Receive FIFO Buffers allow the McBSP to operate at a higher sample rate by making it
more tolerant to DMA latency
If internal clock source is used, the CLKGDV field of the Sample Rate Generator Register (SRGR) must
always be set to a value of 1 or greater.
6.16.1 McBSP Peripheral Register Description(s)
Table 6-56. McBSP/FIFO Registers
McBSP0
McBSP1
BYTE
BYTE
ACRONYM
REGISTER DESCRIPTION
ADDRESS
ADDRESS
McBSP Registers
0x01D1 0000
0x01D1 1000
DRR
McBSP Data Receive Register (read-only)
0x01D1 0004
0x01D1 1004
DXR
McBSP Data Transmit Register
0x01D1 0008
0x01D1 1008
SPCR
McBSP Serial Port Control Register
0x01D1 000C
0x01D1 100C
RCR
McBSP Receive Control Register
0x01D1 0010
0x01D1 1010
XCR
McBSP Transmit Control Register
0x01D1 0014
0x01D1 1014
SRGR
McBSP Sample Rate Generator register
0x01D1 0018
0x01D1 1018
MCR
McBSP Multichannel Control Register
0x01D1 001C
0x01D1 101C
RCERE0
McBSP Enhanced Receive Channel Enable Register 0 Partition A/B
0x01D1 0020
0x01D1 1020
XCERE0
McBSP Enhanced Transmit Channel Enable Register 0 Partition A/B
0x01D1 0024
0x01D1 1024
PCR
McBSP Pin Control Register
0x01D1 0028
0x01D1 1028
RCERE1
McBSP Enhanced Receive Channel Enable Register 1 Partition C/D
0x01D1 002C
0x01D1 102C
XCERE1
McBSP Enhanced Transmit Channel Enable Register 1 Partition C/D
0x01D1 0030
0x01D1 1030
RCERE2
McBSP Enhanced Receive Channel Enable Register 2 Partition E/F
0x01D1 0034
0x01D1 1034
XCERE2
McBSP Enhanced Transmit Channel Enable Register 2 Partition E/F
0x01D1 0038
0x01D1 1038
RCERE3
McBSP Enhanced Receive Channel Enable Register 3 Partition G/H
0x01D1 003C
0x01D1 103C
XCERE3
McBSP Enhanced Transmit Channel Enable Register 3 Partition G/H
McBSP FIFO Control and Status Registers
0x01D1 0800
0x01D1 1800
BFIFOREV
BFIFO Revision Identification Register
0x01D1 0810
0x01D1 1810
WFIFOCTL
Write FIFO Control Register
0x01D1 0814
0x01D1 1814
WFIFOSTS
Write FIFO Status Register
0x01D1 0818
0x01D1 1818
RFIFOCTL
Read FIFO Control Register
0x01D1 081C
0x01D1 181C
RFIFOSTS
Read FIFO Status Register
McBSP FIFO Data Registers
0x01F1 0000
0x01F1 1000
RBUF
McBSP FIFO Receive Buffer
0x01F1 0000
0x01F1 1000
XBUF
McBSP FIFO Transmit Buffer
140
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com