Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 144 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 144 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 140Page - Texas Instruments AM1808AZCED3 Datasheet HTML 141Page - Texas Instruments AM1808AZCED3 Datasheet HTML 142Page - Texas Instruments AM1808AZCED3 Datasheet HTML 143Page - Texas Instruments AM1808AZCED3 Datasheet HTML 144Page - Texas Instruments AM1808AZCED3 Datasheet HTML 145Page - Texas Instruments AM1808AZCED3 Datasheet HTML 146Page - Texas Instruments AM1808AZCED3 Datasheet HTML 147Page - Texas Instruments AM1808AZCED3 Datasheet HTML 148Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 264 page
background image
AM1808
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
Table 6-60. Switching Characteristics for McBSP0 [1.0V](1) (2)
(see Figure 6-32)
1.0V
NO.
PARAMETER
UNIT
MIN
MAX
Delay time, CLKS high to CLKR/X high for internal CLKR/X generated from
1
td(CKSH-CKRXH)
3
21.5
ns
CLKS input
2P or
2
tc(CKRX)
Cycle time, CLKR/X
CLKR/X int
26.6(3) (4)
ns
(5)
3
tw(CKRX)
Pulse duration, CLKR/X high or CLKR/X low
CLKR/X int
C - 2(6)
C + 2(6)
ns
CLKR int
-4
10
ns
4
td(CKRH-FRV)
Delay time, CLKR high to internal FSR valid
CLKR ext
2.5
21.5
CLKX int
-4
10
9
td(CKXH-FXV)
Delay time, CLKX high to internal FSX valid
ns
CLKX ext
2.5
21.5
CLKX int
-4
10
Disable time, DX high impedance following last data bit from CLKX
12
tdis(CKXH-DXHZ)
ns
high
CLKX ext
-2
21.5
CLKX int
-4 + D1(7)
10 + D2(7)
13
td(CKXH-DXV)
Delay time, CLKX high to DX valid
ns
CLKX ext
2.5 + D1(7)
21.5 + D2(7)
Delay time, FSX high to DX valid
FSX int
-4(8)
5(8)
14
td(FXH-DXV)
ns
ONLY applies when in data
FSX ext
-2(8)
21.5(8)
delay 0 (XDATDLY = 00b) mode
(1)
CLKRP = CLKXP = FSRP = FSXP = 0. If polarity of any of the signals is inverted, then the timing references of that signal are also
inverted.
(2)
Minimum delay times also represent minimum output hold times.
(3)
Minimum CLKR/X cycle times must be met, even when CLKR/X is generated by an internal clock source. Minimum CLKR/X cycle times
are based on internal logic speed; the maximum usable speed may be lower due to EDMA limitations and AC timing requirements.
(4)
P = AYNC3 period in ns. For example, when the ASYNC clock domain is running at 100 MHz, use 10 ns.
(5)
Use whichever value is greater.
(6)
C = H or L
S = sample rate generator input clock = P if CLKSM = 1 (P = ASYNC period)
S = sample rate generator input clock = P_clks if CLKSM = 0 (P_clks = CLKS period)
H = CLKX high pulse width = (CLKGDV/2 + 1) * S if CLKGDV is even
H = (CLKGDV + 1)/2 * S if CLKGDV is odd
L = CLKX low pulse width = (CLKGDV/2) * S if CLKGDV is even
L = (CLKGDV + 1)/2 * S if CLKGDV is odd
CLKGDV should be set appropriately to ensure the McBSP bit rate does not exceed the maximum limit (see (4) above).
(7)
Extra delay from CLKX high to DX valid applies only to the first data bit of a device, if and only if DXENA = 1 in SPCR.
if DXENA = 0, then D1 = D2 = 0
if DXENA = 1, then D1 = 6P, D2 = 12P
(8)
Extra delay from FSX high to DX valid applies only to the first data bit of a device, if and only if DXENA = 1 in SPCR.
if DXENA = 0, then D1 = D2 = 0
if DXENA = 1, then D1 = 6P, D2 = 12P
Table 6-61. Timing Requirements for McBSP1 [1.3V, 1.2V, 1.1V](1) (see Figure 6-32)
1.3V, 1.2V
1.1V
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
2
tc(CKRX)
Cycle time, CLKR/X
CLKR/X ext
2P or 20(2) (3)
2P or 25(2) (4)
ns
3
tw(CKRX)
Pulse duration, CLKR/X high or CLKR/X low
CLKR/X ext
P - 1(5)
P - 1(6)
ns
(1)
CLKRP = CLKXP = FSRP = FSXP = 0. If polarity of any of the signals is inverted, then the timing references of that signal are also
inverted.
(2)
P = AYNC3 period in ns. For example, when the ASYNC clock domain is running at 100 MHz, use 10 ns.
(3)
Use whichever value is greater. Minimum CLKR/X cycle times must be met, even when CLKR/X is generated by an internal clock
source. The minimum CLKR/X cycle times are based on internal logic speed; the maximum usable speed may be lower due to EDMA
limitations and AC timing requirements.
(4)
Use whichever value is greater. Minimum CLKR/X cycle times must be met, even when CLKR/X is generated by an internal clock
source. The minimum CLKR/X cycle times are based on internal logic speed; the maximum usable speed may be lower due to EDMA
limitations and AC timing requirements.
(5)
This parameter applies to the maximum McBSP frequency. Operate serial clocks (CLKR/X) in the reasonable range of 40/60 duty cycle.
(6)
This parameter applies to the maximum McBSP frequency. Operate serial clocks (CLKR/X) in the reasonable range of 40/60 duty cycle.
144
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com