Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 225 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 225 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 221Page - Texas Instruments AM1808AZCED3 Datasheet HTML 222Page - Texas Instruments AM1808AZCED3 Datasheet HTML 223Page - Texas Instruments AM1808AZCED3 Datasheet HTML 224Page - Texas Instruments AM1808AZCED3 Datasheet HTML 225Page - Texas Instruments AM1808AZCED3 Datasheet HTML 226Page - Texas Instruments AM1808AZCED3 Datasheet HTML 227Page - Texas Instruments AM1808AZCED3 Datasheet HTML 228Page - Texas Instruments AM1808AZCED3 Datasheet HTML 229Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 264 page
background image
AM1808
www.ti.com
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
6.27 Video Port Interface (VPIF)
The Video Port Interface (VPIF) allows the capture and display of digital video streams. Features include:
•
Up to 2 Video Capture Channels (Channel 0 and Channel 1)
–
Two 8-bit Standard-Definition (SD) Video with embedded timing codes (BT.656)
–
Single 16-bit High-Definition (HD) Video with embedded timing codes (BT.1120)
–
Single Raw Video (8-/10-/12-bit)
•
Up to 2 Video Display Channels (Channel 2 and Channel 3)
–
Two 8-bit SD Video Display with embedded timing codes (BT.656)
–
Single 16-bit HD Video Display with embedded timing codes (BT.1120)
The VPIF capture channel input data format is selectable based on the settings of the specific Channel
Control Register (Channels 0–3). The VPIF Raw Video data-bus width is selectable based on the settings
of the Channel 0 Control Register.
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
225
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com