Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 227 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 227 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 223Page - Texas Instruments AM1808AZCED3 Datasheet HTML 224Page - Texas Instruments AM1808AZCED3 Datasheet HTML 225Page - Texas Instruments AM1808AZCED3 Datasheet HTML 226Page - Texas Instruments AM1808AZCED3 Datasheet HTML 227Page - Texas Instruments AM1808AZCED3 Datasheet HTML 228Page - Texas Instruments AM1808AZCED3 Datasheet HTML 229Page - Texas Instruments AM1808AZCED3 Datasheet HTML 230Page - Texas Instruments AM1808AZCED3 Datasheet HTML 231Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 264 page
background image
AM1808
www.ti.com
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
Table 6-118. Video Port Interface (VPIF) Registers (continued)
BYTE ADDRESS
ACRONYM
REGISTER DESCRIPTION
0x01E1 70B0
CH1_VSIZE_CFG0
Channel 1 vertical data size configuration (0)
0x01E1 70B4
CH1_VSIZE_CFG1
Channel 1 vertical data size configuration (1)
0x01E1 70B8
CH1_VSIZE_CFG2
Channel 1 vertical data size configuration (2)
0x01E1 70BC
CH1_VSIZE
Channel 1 vertical image size
DISPLAY CHANNEL 2 REGISTERS
0x01E1 70C0
CH2_TY_STRTADR
Channel 2 Top Field luma buffer start address
0x01E1 70C4
CH2_BY_STRTADR
Channel 2 Bottom Field luma buffer start address
0x01E1 70C8
CH2_TC_STRTADR
Channel 2 Top Field chroma buffer start address
0x01E1 70CC
CH2_BC_STRTADR
Channel 2 Bottom Field chroma buffer start address
0x01E1 70D0
CH2_THA_STRTADR
Channel 2 Top Field horizontal ancillary data buffer start address
0x01E1 70D4
CH2_BHA_STRTADR
Channel 2 Bottom Field horizontal ancillary data buffer start address
0x01E1 70D8
CH2_TVA_STRTADR
Channel 2 Top Field vertical ancillary data buffer start address
0x01E1 70DC
CH2_BVA_STRTADR
Channel 2 Bottom Field vertical ancillary data buffer start address
0x01E1 70E0
CH2_SUBPIC_CFG
Channel 2 sub-picture configuration
0x01E1 70E4
CH2_IMG_ADD_OFST
Channel 2 image data address offset
0x01E1 70E8
CH2_HA_ADD_OFST
Channel 2 horizontal ancillary data address offset
0x01E1 70EC
CH2_HSIZE_CFG
Channel 2 horizontal data size configuration
0x01E1 70F0
CH2_VSIZE_CFG0
Channel 2 vertical data size configuration (0)
0x01E1 70F4
CH2_VSIZE_CFG1
Channel 2 vertical data size configuration (1)
0x01E1 70F8
CH2_VSIZE_CFG2
Channel 2 vertical data size configuration (2)
0x01E1 70FC
CH2_VSIZE
Channel 2 vertical image size
0x01E1 7100
CH2_THA_STRTPOS
Channel 2 Top Field horizontal ancillary data insertion start position
0x01E1 7104
CH2_THA_SIZE
Channel 2 Top Field horizontal ancillary data size
0x01E1 7108
CH2_BHA_STRTPOS
Channel 2 Bottom Field horizontal ancillary data insertion start position
0x01E1 710C
CH2_BHA_SIZE
Channel 2 Bottom Field horizontal ancillary data size
0x01E1 7110
CH2_TVA_STRTPOS
Channel 2 Top Field vertical ancillary data insertion start position
0x01E1 7114
CH2_TVA_SIZE
Channel 2 Top Field vertical ancillary data size
0x01E1 7118
CH2_BVA_STRTPOS
Channel 2 Bottom Field vertical ancillary data insertion start position
0x01E1 711C
CH2_BVA_SIZE
Channel 2 Bottom Field vertical ancillary data size
0x01E1 7120 - 0x01E1 713F
-
Reserved
DISPLAY CHANNEL 3 REGISTERS
0x01E1 7140
CH3_TY_STRTADR
Channel 3 Field 0 luma buffer start address
0x01E1 7144
CH3_BY_STRTADR
Channel 3 Field 1 luma buffer start address
0x01E1 7148
CH3_TC_STRTADR
Channel 3 Field 0 chroma buffer start address
0x01E1 714C
CH3_BC_STRTADR
Channel 3 Field 1 chroma buffer start address
0x01E1 7150
CH3_THA_STRTADR
Channel 3 Field 0 horizontal ancillary data buffer start address
0x01E1 7154
CH3_BHA_STRTADR
Channel 3 Field 1 horizontal ancillary data buffer start address
0x01E1 7158
CH3_TVA_STRTADR
Channel 3 Field 0 vertical ancillary data buffer start address
0x01E1 715C
CH3_BVA_STRTADR
Channel 3 Field 1 vertical ancillary data buffer start address
0x01E1 7160
CH3_SUBPIC_CFG
Channel 3 sub-picture configuration
0x01E1 7164
CH3_IMG_ADD_OFST
Channel 3 image data address offset
0x01E1 7168
CH3_HA_ADD_OFST
Channel 3 horizontal ancillary data address offset
0x01E1 716C
CH3_HSIZE_CFG
Channel 3 horizontal data size configuration
0x01E1 7170
CH3_VSIZE_CFG0
Channel 3 vertical data size configuration (0)
0x01E1 7174
CH3_VSIZE_CFG1
Channel 3 vertical data size configuration (1)
0x01E1 7178
CH3_VSIZE_CFG2
Channel 3 vertical data size configuration (2)
0x01E1 717C
CH3_VSIZE
Channel 3 vertical image size
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
227
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com