Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 230 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 230 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 226Page - Texas Instruments AM1808AZCED3 Datasheet HTML 227Page - Texas Instruments AM1808AZCED3 Datasheet HTML 228Page - Texas Instruments AM1808AZCED3 Datasheet HTML 229Page - Texas Instruments AM1808AZCED3 Datasheet HTML 230Page - Texas Instruments AM1808AZCED3 Datasheet HTML 231Page - Texas Instruments AM1808AZCED3 Datasheet HTML 232Page - Texas Instruments AM1808AZCED3 Datasheet HTML 233Page - Texas Instruments AM1808AZCED3 Datasheet HTML 234Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 264 page
background image
VP_CLKIN0/1
VP_DINx/FIELD/
HSYNC/VSYNC
1
2
VP_CLKOUTx
(PositiveEdge
Clocking)
VP_CLKOUTx
(NegativeEdge
Clocking)
VP_DOUTx
1
2
11
12
4
4
3
AM1808
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
Table 6-120. Timing Requirements for VPIF Channels 0/1 Video Capture Data and Control Inputs
(see Figure 6-74)
1.3V, 1.2V
1.1V
1.0V
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
1
tsu(VDINV-VKIH)
Setup time, VP_DINx valid before VP_CLKIN0/1 high
4
6
7
ns
2
th(VKIH-VDINV)
Hold time, VP_DINx valid after VP_CLKIN0/1 high
0
0
0
ns
Figure 6-74. VPIF Channels 0/1 Video Capture Data and Control Input Timing
Table 6-121. Switching Characteristics Over Recommended Operating Conditions for Video Data Shown
With Respect to VP_CLKOUT2/3(1)
(see Figure 6-75)
1.3V, 1.2V
1.1V
1.0V
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
1
tc(VKO)
Cycle time, VP_CLKOUT2/3
13.3
20
37
ns
2
tw(VKOH)
Pulse duration, VP_CLKOUT2/3 high
0.4C
0.4C
0.4C
ns
3
tw(VKOL)
Pulse duration, VP_CLKOUT2/3 low
0.4C
0.4C
0.4C
ns
4
tt(VKO)
Transition time, VP_CLKOUT2/3
5
5
5
ns
Delay time,
11
td(VKOH-VPDOUTV)
8.5
12
17
ns
VP_CLKOUT2/3 high to VP_DOUTx valid
Delay time,
12
td(VCLKOH-VPDOUTIV)
1.5
1.5
1.5
ns
VP_CLKOUT2/3 high to VP_DOUTx invalid
(1)
C = VP_CLKO2/3 period in ns.
Figure 6-75. VPIF Channels 2/3 Video Display Data Output Timing With Respect to VP_CLKOUT2/3
230
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com