Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 233 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 233 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 229Page - Texas Instruments AM1808AZCED3 Datasheet HTML 230Page - Texas Instruments AM1808AZCED3 Datasheet HTML 231Page - Texas Instruments AM1808AZCED3 Datasheet HTML 232Page - Texas Instruments AM1808AZCED3 Datasheet HTML 233Page - Texas Instruments AM1808AZCED3 Datasheet HTML 234Page - Texas Instruments AM1808AZCED3 Datasheet HTML 235Page - Texas Instruments AM1808AZCED3 Datasheet HTML 236Page - Texas Instruments AM1808AZCED3 Datasheet HTML 237Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 264 page
background image
AM1808
www.ti.com
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
Table 6-122 is the list of the ECAP registers.
Table 6-122. ECAPx Configuration Registers
ECAP0
ECAP1
ECAP2
ACRONYM
DESCRIPTION
BYTE ADDRESS
BYTE ADDRESS
BYTE ADDRESS
0x01F0 6000
0x01F0 7000
0x01F0 8000
TSCTR
Time-Stamp Counter
0x01F0 6004
0x01F0 7004
0x01F0 8004
CTRPHS
Counter Phase Offset Value Register
0x01F0 6008
0x01F0 7008
0x01F0 8008
CAP1
Capture 1 Register
0x01F0 600C
0x01F0 700C
0x01F0 800C
CAP2
Capture 2 Register
0x01F0 6010
0x01F0 7010
0x01F0 8010
CAP3
Capture 3 Register
0x01F0 6014
0x01F0 7014
0x01F0 8014
CAP4
Capture 4 Register
0x01F0 6028
0x01F0 7028
0x01F0 8028
ECCTL1
Capture Control Register 1
0x01F0 602A
0x01F0 702A
0x01F0 802A
ECCTL2
Capture Control Register 2
0x01F0 602C
0x01F0 702C
0x01F0 802C
ECEINT
Capture Interrupt Enable Register
0x01F0 602E
0x01F0 702E
0x01F0 802E
ECFLG
Capture Interrupt Flag Register
0x01F0 6030
0x01F0 7030
0x01F0 8030
ECCLR
Capture Interrupt Clear Register
0x01F0 6032
0x01F0 7032
0x01F0 8032
ECFRC
Capture Interrupt Force Register
0x01F0 605C
0x01F0 705C
0x01F0 805C
REVID
Revision ID
Table 6-123 shows the eCAP timing requirement and Table 6-124 shows the eCAP switching
characteristics.
Table 6-123. Timing Requirements for Enhanced Capture (eCAP)
PARAMETER
TEST CONDITIONS
1.3V, 1.2V, 1.1V, 1.0V
MIN
MAX
UNIT
tw(CAP)
Capture input pulse width
Asynchronous
2tc(SCO)
cycles
Synchronous
2tc(SCO)
cycles
Table 6-124. Switching Characteristics Over Recommended Operating Conditions for eCAP
PARAMETER
1.3V, 1.2V
1.1V
1.0V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tw(APWM)
Pulse duration, APWMx output high/low
20
20
20
ns
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
233
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com