Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 237 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 237 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 233Page - Texas Instruments AM1808AZCED3 Datasheet HTML 234Page - Texas Instruments AM1808AZCED3 Datasheet HTML 235Page - Texas Instruments AM1808AZCED3 Datasheet HTML 236Page - Texas Instruments AM1808AZCED3 Datasheet HTML 237Page - Texas Instruments AM1808AZCED3 Datasheet HTML 238Page - Texas Instruments AM1808AZCED3 Datasheet HTML 239Page - Texas Instruments AM1808AZCED3 Datasheet HTML 240Page - Texas Instruments AM1808AZCED3 Datasheet HTML 241Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 264 page
background image
AM1808
www.ti.com
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
6.29.1 Enhanced Pulse Width Modulator (eHRPWM) Timing
PWM refers to PWM outputs on eHRPWM1-6. Table 6-126 shows the PWM timing requirements and
Table 6-127, switching characteristics.
Table 6-126. Timing Requirements for eHRPWM
PARAMETER
TEST CONDITIONS
1.3V, 1.2V, 1.1V, 1.0V
UNIT
MIN
MAX
tw(SYNCIN)
Sync input pulse width
Asynchronous
2tc(SCO)
cycles
Synchronous
2tc(SCO)
cycles
Table 6-127. Switching Characteristics Over Recommended Operating Conditions for eHRPWM
PARAMETER
TEST
1.3V, 1.2V
1.1V
1.0V
UNIT
CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
tw(PWM)
Pulse duration, PWMx output
ns
20
20
26.6
high/low
tw(SYNCOUT)
Sync output pulse width
8tc(SCO)
8tc(SCO)
8tc(SCO)
cycles
td(PWM)TZA
Delay time, trip input active to
no pin load; no
ns
PWM forced high
additional
25
25
25
Delay time, trip input active to
programmable
PWM forced low
delay
td(TZ-PWM)HZ
Delay time, trip input active to
no additional
ns
PWM Hi-Z
programmable
20
20
20
delay
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
237
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com